Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 364Page - Renesas Technology Corp SH7041A Datasheet HTML 365Page - Renesas Technology Corp SH7041A Datasheet HTML 366Page - Renesas Technology Corp SH7041A Datasheet HTML 367Page - Renesas Technology Corp SH7041A Datasheet HTML 368Page - Renesas Technology Corp SH7041A Datasheet HTML 369Page - Renesas Technology Corp SH7041A Datasheet HTML 370Page - Renesas Technology Corp SH7041A Datasheet HTML 371Page - Renesas Technology Corp SH7041A Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 923 page
background image
330
Input Capture Operation: Figure 12.14 shows input capture. The falling edge of TIOCB and
both edges of TIOCA are selected as input capture input edges. In the example, TCNT is set to
clear at the input capture of the TGRB register.
Counter cleared
by TIOCB input
(falling edge)
TCNT value
H'0180
H'0160
H'0005
H'0010
H'0000
TIOCB
TIOCA
TGRA
TGRB
H'0005
H'0160
H'0010
H'0180
Time
Figure 12.14 Input Capture Operation
12.4.3
Synchronous Operation
In the synchronizing mode, two or more timer counters can be rewritten simultaneously
(synchronized preset). Multiple timer counters can also be cleared simultaneously using TCR
settings (synchronized clear).
The synchronizing mode can increase the number of TGR registers for a single time base. All five
channels can be set for synchronous operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com