Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 363Page - Renesas Technology Corp SH7041A Datasheet HTML 364Page - Renesas Technology Corp SH7041A Datasheet HTML 365Page - Renesas Technology Corp SH7041A Datasheet HTML 366Page - Renesas Technology Corp SH7041A Datasheet HTML 367Page - Renesas Technology Corp SH7041A Datasheet HTML 368Page - Renesas Technology Corp SH7041A Datasheet HTML 369Page - Renesas Technology Corp SH7041A Datasheet HTML 370Page - Renesas Technology Corp SH7041A Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 923 page
background image
329
H'FFFF
H'0000
TIOCA
TCNT value
Counter cleared by TGRB compare match
Time
TGRB
TGRA
TIOCB
Toggle
output
Toggle
output
Figure 12.12 Example of Toggle Output
Input Capture Function: In the input capture mode, the TCNT value is transferred into the TGR
register when the input edge is detected at the input capture/output compare pin (TIOC).
Detection can take place on the rising edge, falling edge, or both edges. Channels 0 and 1 can use
other channel counter input clocks or compare-match signals as input capture sources.
The procedure for selecting the input capture operation (figure 12.13) is:
1.Set the TIOR to select the input capture function of the TGR, then select the input capture
source, and rising edge, falling edge, or both edges as the input edge.
2.Set the CST bit in the TSTR to 1 to start the TCNT counting.
Input selection
Select input-capture input
Start counting
Input capture operation
1
2
Figure 12.13 Procedure for Selecting Input Capture Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com