Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIS0106 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS0106
Description  HF (13.56 MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0106 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS0106 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0106 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0106 Datasheet HTML 3Page - Balluff Korea Ltd. BIS0106 Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HF (13.56 MHz)
BIS M-402-072-004-07-S4
Order Code: BIS0106
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 228512
ETIM 6.0: EC002998
BIS0106_2.24_2021-07-09
1 / 4
1) Sensing surface, 2) Clear zone, 3) Cable length see text, 4) LED function indicator, 5) Tightening torque
Basic features
Antenna type
round
Approval/Conformity
CE
cULus
EAC
WEEE
EN 55022
Gr. 1, Cl. A
Principle of operation
Read/write device
Display/Operation
IO-Link active
Green LED, flashing
Power (ON)
Green LED
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable diameter D
5.40 mm
Cable length L
0.5 m
Cable, bending cycles min.
2 mil.
Connection
M12x1-Male, 4-pin, A-coded
Connection type
Connector, 0.50 m, PU
Electrical data
Current consumption max. at 24 V DC 150 mA
EN 300330-1
Power Class 5
Operating voltage Ub
18...30 VDC Supports only LPS/
Class 2
Residual ripple max.
1.3 Vpp
Transfer rate
COM2 (38.4 kBaud)


Similar Part No. - BIS0106

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0102 BALLUFF-BIS0102 Datasheet
765Kb / 5P
HF (13.56 MHz)
2.26_2021-07-09
BIS0103 BALLUFF-BIS0103 Datasheet
410Kb / 4P
HF (13.56 MHz)
2.26_2021-07-09
BIS0104 BALLUFF-BIS0104 Datasheet
539Kb / 5P
HF (13.56 MHz)
BIS0105 BALLUFF-BIS0105 Datasheet
719Kb / 5P
HF (13.56 MHz)
BIS0108 BALLUFF-BIS0108 Datasheet
817Kb / 5P
HF (13.56 MHz)
More results

Similar Description - BIS0106

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0133 BALLUFF-BIS0133 Datasheet
923Kb / 5P
HF (13.56 MHz)
BIS0157 BALLUFF-BIS0157 Datasheet
550Kb / 3P
HF (13.56 MHz)
BAE00JL BALLUFF-BAE00JL Datasheet
111Kb / 2P
HF (13.56 MHz)
BIS0132 BALLUFF-BIS0132 Datasheet
1Mb / 6P
HF (13.56 MHz)
BIS0179 BALLUFF-BIS0179 Datasheet
1Mb / 6P
HF (13.56 MHz)
BIS0104 BALLUFF-BIS0104 Datasheet
539Kb / 5P
HF (13.56 MHz)
BIS0105 BALLUFF-BIS0105 Datasheet
719Kb / 5P
HF (13.56 MHz)
BIS0175 BALLUFF-BIS0175 Datasheet
128Kb / 3P
HF (13.56 MHz)
BIS015T BALLUFF-BIS015T Datasheet
667Kb / 4P
HF (13.56 MHz)
2.2_2021-07-14
BIS018A BALLUFF-BIS018A Datasheet
1Mb / 6P
HF (13.56 MHz)
1.22_2021-07-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com