Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIS0106 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS0106
Description  HF (13.56 MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0106 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS0106 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0106 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0106 Datasheet HTML 3Page - Balluff Korea Ltd. BIS0106 Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HF (13.56 MHz)
BIS M-402-072-004-07-S4
Order Code: BIS0106
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 228512
ETIM 6.0: EC002998
BIS0106_2.24_2021-07-09
2 / 4
Environmental conditions
Ambient temperature
0...70 °C
Cable temperature, drag chain
-25...60 °C
Cable temperature, fixed routing
-50...80 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-20...85 °C
Functional Characteristics
Supported data carrier types
DIN 
ISO 
14443
DIN ISO 15693
Interface
Interface
IO-Link
Process data IN
32 bytes
Material
Housing material
ABS, GF16, Interface aluminum
Material jacket
PU
Mechanical data
Application weight
238.00 g
Dimension
25 x 10 x 50 mm
Installation
metal-free (clear zone)
Remarks
Use included fastening clamps for installation.
When installing, the technical standards and regulations of the corresponding countries must be observed.
For installation in metal: Observe clear zone.
Values are under rated conditions unless otherwise specified.
Order accessories separately.
Connector Drawings
1) View towards connector
2) BSI service interface
3) Do not connect power
4) (Only for Balluff Service)
Help Views



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com