Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1647P Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1647P
Description  Nonvolatile Timekeeping RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1647P Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1647P Datasheet HTML 2Page - Maxim Integrated Products DS1647P Datasheet HTML 3Page - Maxim Integrated Products DS1647P Datasheet HTML 4Page - Maxim Integrated Products DS1647P Datasheet HTML 5Page - Maxim Integrated Products DS1647P Datasheet HTML 6Page - Maxim Integrated Products DS1647P Datasheet HTML 7Page - Maxim Integrated Products DS1647P Datasheet HTML 8Page - Maxim Integrated Products DS1647P Datasheet HTML 9Page - Maxim Integrated Products DS1647P Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DS1647/DS1647P
6 of 12
RETRIEVING DATA FROM RAM OR CLOCK
The DS1647 is in the read mode whenever WE (write enable) is high; CE (chip enable) is low. The
device architecture allows ripple-through access to any of the address locations in the NV SRAM. Valid
data will be available at the DQ pins within tAA after the last address input is stable, providing that the CE
and OE access times and states are satisfied. If CE or OE access times are not met, valid data will be
available at the latter of chip-enable access (tCEA) or at output enable access time (tOEA). The state of the
data input/output pins (DQ) is controlled by CE and OE. If the outputs are activated before tAA, the data
lines are driven to an intermediate state until tAA. If the address inputs are changed while CE and OE
remain valid, output data will remain valid for output data hold time (tOH) but will then go indeterminate
until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1647 is in the write mode whenever WE and CE are in their active state. The start of a write is
referenced to the latter occurring high to low transition of WE and CE. The addresses must be held valid
throughout the cycle. CE or WE must return inactive for a minimum of tWR prior to the initiation of
another read or write cycle. Data in must be valid tDS prior to the end of write and remain valid for tDH
afterward. In a typical application, the OE signal will be high during a write cycle. However, OE can be
active provided that care is taken with the data bus to avoid bus contention. If OE is low prior to WE
transitioning low the data bus can become active with read data defined by the address inputs. A low
transition on WE will then disable the outputs tWEZ after WE goes active.
DATA-RETENTION MODE
When VCC is within nominal limits (VCC > 4.5V) the DS1647 can be accessed as described above with
read or write cycles. However, when VCC is below the power-fail point VPF (point at which write
protection occurs) the internal clock registers and RAM are blocked from all access. This is accomplished
internally by inhibiting access via the CE signal. At this time the power-fail output signal (PFO) will be
driven active low and will remain active until VCC returns to nominal levels. When VCC falls below the
level of the internal battery supply, power input is switched from the VCC pin to the internal battery and
clock activity, RAM, and clock data are maintained from the battery until VCC is returned to nominal
level.
BATTERY LONGEVITY
The DS1647 has a lithium power source that is designed to provide energy for clock activity and clock
and RAM data retention when the VCC supply is not present. The capability of this internal power supply
is sufficient to power the DS1647 continuously for the life of the equipment in which it is installed. For
specification purposes, the life expectancy is 10 years at +25°C with the internal clock oscillator running
in the absence of VCC power. Each DS1647 is shipped from Dallas Semiconductor with its lithium energy
source disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than
VPF, the lithium energy source is enabled for battery backup operation. Actual life expectancy of the
DS1647 will be longer than 10 years since no lithium battery energy is consumed when VCC is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com