Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1647P Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1647P
Description  Nonvolatile Timekeeping RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1647P Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1647P Datasheet HTML 4Page - Maxim Integrated Products DS1647P Datasheet HTML 5Page - Maxim Integrated Products DS1647P Datasheet HTML 6Page - Maxim Integrated Products DS1647P Datasheet HTML 7Page - Maxim Integrated Products DS1647P Datasheet HTML 8Page - Maxim Integrated Products DS1647P Datasheet HTML 9Page - Maxim Integrated Products DS1647P Datasheet HTML 10Page - Maxim Integrated Products DS1647P Datasheet HTML 11Page - Maxim Integrated Products DS1647P Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS1647/DS1647P
8 of 12
AC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V ±10%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Read Cycle Time
tRC
120
ns
Address Access Time
tAA
120
ns
CE
Access Time
tCEA
120
ns
CE
Data Off Time
tCEZ
40
ns
OE
Access Time
tOEA
100
ns
OE
Data Off Time
tOEZ
40
ns
OE
to DQ Low-Z
tOEL
5
ns
CE
to DQ Low-Z
tCEL
5
ns
Output Hold from Address
tOH
5
ns
Write Cycle Time
tWC
120
ns
Address Setup Time
tAS
0
ns
CE
Pulse Width
tCEW
100
ns
Address Hold from End of Write
tAH1
5
ns
5
tAH2
30
6
Write Pulse Width
tWEW
75
ns
WE
Data Off Time
tWEZ
40
ns
WE
or CE Inactive Time
tWR
10
ns
Data Setup Time
tDS
85
ns
Data Hold Time High
tDH1
0
ns
5
tDH2
25
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com