Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES5D Datasheet(PDF) 7 Page - FutureWafer Tech Co.,Ltd

Part # ES5D
Description  5A Surface Mount Super Fast Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

ES5D Datasheet(HTML) 7 Page - FutureWafer Tech Co.,Ltd

  ES5D Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ES5D / 5G / 5J
5A Surface Mount Super Fast Rectifier
Document Number:F418258
06-Nov-2021 / V 2.0
www.futurewafer.com.tw
Part
Number
Marking
Component
Package
Quantity
Packaging
Option
Packaging
Specification
ES5D
ES5D
SMCJ
3,000PCS
13”reel
EIA STD RS-481
ES5G
ES5G
ES5J
ES5J
12. Ordering Information
13. History
Version
Date
File No.
Recording
Basis
A
08-May-2018
New Create
Market
F418253
B
20-Feb-2019
Company Information
System
2.0
06-Nov-2021
Update Version
System
Futurewafer Technology Co.,Ltd 台灣未來芯科技股份有限公司
Tel :+886-3-3350161/FAX :+886-3-3350172
sales@futurewafer.com.tw
No. 286-11F, Sec. 3, Sanmin Rd., Taoyuan Dist., Taoyuan City 330, Taiwan



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com