Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES5D Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # ES5D
Description  5A Surface Mount Super Fast Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

ES5D Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  ES5D Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ES5D / 5G / 5J
5A Surface Mount Super Fast Rectifier
Document Number:F418258
06-Nov-2021 / V 2.0
www.futurewafer.com.tw
1. Feature
●
Glass Passivated Junction Chip
●
For Surface Mounted Application
●
Low Profile Package
●
Super Fast Recovery Time For High Efficiency
●
High Temperature Soldering:
260°C/10 Seconds at Terminals
2. Mechanical Characteristics
●
Case: SMCJ Package
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
3. Device Characteristics
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
ES5D
ES5G
ES5J
Units
Maximum Repetitive Peak Reverse Voltage
V RRM
200
400
600
V
Maximum RMS Voltage
V RMS
140
280
420
Maximum DC Blocking Voltage
V DC
200
400
600
Maximum Forward Voltage
V F @ IF = 5A
0.95
1.3
1.7
Maximum Average Forward Rectified Current
I F(AV)
5
A
Peak Forward Surge Current,8.3ms Single Half
Sine-Wave Superimposed on Rated Load
I FSM
150
Maximum Reverse Recovery Time
T RR
35
nS
Maximum Reverse Current @ VR
I R,TA = 25°C
5.0
uA
I R,TA = 125°C
100
Typical Thermal Resistance
R Θjl
13
°
C/W
R θJA
28
Operating Temperature
T J
°
C
-55~150
Storage Temperature
T STG
SMCJ


Similar Part No. - ES5D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES5D FORMOSA-ES5D Datasheet
119Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
logo
Guangdong Juxing Electr...
ES5D JUXING-ES5D Datasheet
3Mb / 2P
Surface Mount Superfast Rectifiers
logo
Microdiode Semiconducto...
ES5D CHENDA-ES5D Datasheet
561Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES5D

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com