Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC9130 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC9130 Datasheet HTML 1Page - Micrel Semiconductor MIC9130 Datasheet HTML 2Page - Micrel Semiconductor MIC9130 Datasheet HTML 3Page - Micrel Semiconductor MIC9130 Datasheet HTML 4Page - Micrel Semiconductor MIC9130 Datasheet HTML 5Page - Micrel Semiconductor MIC9130 Datasheet HTML 6Page - Micrel Semiconductor MIC9130 Datasheet HTML 7Page - Micrel Semiconductor MIC9130 Datasheet HTML 8Page - Micrel Semiconductor MIC9130 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2005
1
M9999-040805
MIC9130
Micrel, Inc.
MIC9130
High-Voltage, High-Speed Telecom DC-to-DC Controller
General Description
TheMIC9130isacurrent-modePWMcontrollerthatefficiently
converts –48V telecom voltages to logic levels. The MIC9130
features a high voltage start-up circuit that allows the device to
beconnectedtoinputvoltagesashighas180V.Thehighinput
voltage capability protects the MIC9130 from line transients
that are common in telecom systems. The start-up circuitry
also saves valuable board space and simplifies designs by
integrating several external components.
The MIC9130 is capable of high speed operation. Typically
the MIC9130 can control a sub-25ns pulse width on the gate
out pin. Its internal oscillator can operate over 2.5MHz, with
even higher frequencies available through synchronisation.
The high speed operation of the MIC9130 is made safe by
the very fast, 34ns response from current sense to output,
minimizing power dissipation in a fault condition.
The MIC9130 allows for the designs of high efficiency power
supplies. It can achieve efficiencies over 90% at high output
currents.Itslow1.3mAquiescentcurrentallowshighefficiency
even at light loads.
The MIC9130 has a maximum duty cycle of 50%. For de-
signs requiring a high duty cycle, refer to the MIC9131. The
MIC9130 is available in a 16-pin SOP and 16-pin QSOP
package options. The rated junction temperature range is
from –40°C to +125°C.
Typical Application
OUT
Slope
Compensation
ISNS
FB
VBIAS
SYNC
CPWR
AGND PGND
SS
OSC
RBIAS
COMP
2
1
13
10
5
12
4
16
14
7
6
8
3
9
11
15
MIC9130
VOUT
3.3V @ 4A
VIN
36V to 72V
12V
OPTO
FEEDBACK
T1
Si4884DY
Si4800DY
B330
2.5µH
330µF (x2)
6.3V
FQD10N20
0.2Ω
200V
0.2Ω
1W
332k
47pF
4.75k
332k
10nF
0.1µF
1M
38.3k
MBR0540�
40V/0.5A
1µF
16V
20Ω
0.1µF
1.21k
20k
N = 4
N = 20
N = 5
1.5MHz DSL Power Supply
Features
• Input voltages up to 180V
• Internal oscillator capable of >2.5MHz operation
• Synchronisation capability to 4MHz
• Current sense delay of 34ns
• Minimum pulse width <25ns
• 90% efficiency
• 1.3mA quiescent current
• 1µA shutdown current
• Soft-start
• Resistor programmable current sense threshold
• Selectable soft-start retry
• 4Ω sink, 12Ω source output driver
• Programmable under-voltage lockout
• Constant-frequency PWM current-mode control
• 16-pin SOIC and 16-pin QSOP
Applications
• Telecom power supplies
• Line cards
• ISDN network terminators
• Micro- and pico-cell base stations
• Low power (< 30W) dc-dc converters
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC9130

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130BM MICREL-MIC9130BM Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130BQS MICREL-MIC9130BQS Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130YM MICREL-MIC9130YM Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130YQS MICREL-MIC9130YQS Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130 MICREL-MIC9130_08 Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
More results

Similar Description - MIC9130

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7274 STMICROELECTRONICS-TDA7274 Datasheet
108Kb / 10P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
Nov-1988
logo
Sanyo Semicon Device
LA5527M SANYO-LA5527M Datasheet
56Kb / 3P
Low-Voltage DC Motor Speed Controller?
LA5528N SANYO-LA5528N Datasheet
69Kb / 3P
Low-Voltage DC Motor Speed Controller?
logo
List of Unclassifed Man...
KA2202 ETC-KA2202 Datasheet
85Kb / 3P
LOW VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5523 SANYO-LA5523 Datasheet
52Kb / 1P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Micrel Semiconductor
MIC9131 MICREL-MIC9131 Datasheet
142Kb / 20P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131_06 Datasheet
912Kb / 19P
High-Voltage, High-Speed Telecom
logo
Linear Technology
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
High Speed Dual, Multiphase Step-Down DC/DC Controller
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130_08 Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
High Speed Dual, Multiphase Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com