Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPC8016S Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDPC8016S
Description  MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8016S Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDPC8016S Datasheet HTML 4Page - ON Semiconductor FDPC8016S Datasheet HTML 5Page - ON Semiconductor FDPC8016S Datasheet HTML 6Page - ON Semiconductor FDPC8016S Datasheet HTML 7Page - ON Semiconductor FDPC8016S Datasheet HTML 8Page - ON Semiconductor FDPC8016S Datasheet HTML 9Page - ON Semiconductor FDPC8016S Datasheet HTML 10Page - ON Semiconductor FDPC8016S Datasheet HTML 11Page - ON Semiconductor FDPC8016S Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FDPC8016S
www.onsemi.com
8
TYPICAL CHARACTERISTICS (Q2 N-Channel)
(TJ = 25°C unless otherwise noted)
Figure 14. On-Region Characteristics
Figure 15. Normalized On-Resistance vs. Drain
Current and Gate Voltage
Figure 16. Normalized On-Resistance vs.
Junction Temperature
Figure 17. On-Resistance vs. Gate to Source
Voltage
Figure 18. Transfer Characteristics
Figure 19. Source to Drain Diode Forward
Voltage vs. Source Current
0.0
0.2
0.4
0.6
0.8
0
20
40
60
80
100
120
140
VGS = 3.5 V
VGS = 3 V
VGS = 4.5 V
VGS = 2.5 V
VGS = 10 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
0
20
40
60
80
100
120
140
0.0
1.5
3.0
4.5
6.0
VGS = 3 V
ID
, DRAIN CURRENT (A)
VGS = 3.5 V VGS = 4.5 V
VGS = 2.5 V
VGS = 10 V
−75 −50 −25
0
25
50
75 100 125 150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
TJ
, JUNCTION TEMPERATURE ( oC)
123456789
10
0
1
2
3
4
5
VGS
, GATE TO SOURCE VOLTAGE (V)
1234
0
20
40
60
80
100
120
140
VDS = 5 V
VGS, GATE TO SOURCE VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
0.001
0.01
0.1
1
10
100
200
VSD, BODY DIODE FORWARD VOLTAGE (V)
ID= 35 A
VGS = 10 V
ID = 35 A
TJ = 125 oC
TJ = 25 oC
TJ = 125 oC
TJ = 25 oC
TJ = −55oC
VGS = 0 V
TJ = 125 oC
TJ = 25 oC
TJ = −55oC
PULSE DURATION = 80
DUTY CYCLE = 0.5% MAX
ms
PULSE DURATION = 80
DUTY CYCLE = 0.5% MAX
ms
PULSE DURATION = 80
DUTY CYCLE = 0.5% MAX
ms
PULSE DURATION = 80
DUTY CYCLE = 0.5% MAX
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com