Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM587 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM587
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM587 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM587 Datasheet HTML 1Page - OKI electronic componets MSM587 Datasheet HTML 2Page - OKI electronic componets MSM587 Datasheet HTML 3Page - OKI electronic componets MSM587 Datasheet HTML 4Page - OKI electronic componets MSM587 Datasheet HTML 5Page - OKI electronic componets MSM587 Datasheet HTML 6Page - OKI electronic componets MSM587 Datasheet HTML 7Page - OKI electronic componets MSM587 Datasheet HTML 8Page - OKI electronic componets MSM587 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
¡ Semiconductor
MSM66585/586/587/P587/Q587
Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit
Microcontroller
Preliminary
GENERAL DESCRIPTION
MSM66585/586/587 are high-performance CMOS 16-bit microcontrollers that integrate a 16-
bit CPU, ROM, RAM, 8-bit A/D converter, serial port, timers, and PWM. They also allow ROM
and RAM to be expanded externally.
The MSM66P587 is of OTP (One-Time PROM) version and the MSM66Q587 is of Flash EEPROM
version.
FEATURES
• Powerful instruction set
Instruction set superior in orthogonal matrics
8/16-bit arithmetic instructions
Multiply/divide instructions
Bit manipulation instructions
Bit logical operation instructions
ROM table reference instructions
• Abandant addressing modes
Register addressing
Page addressing
Pointer register indirect addressing
Stack addressing
Immediate addressing
• Minimum instruction cycle
100 ns at 20 MHz (4.5V-5.5V)
200 ns at 10 MHz (2.7V-5.5V)
• Program memory (ROM)
Internal:
64 KB (M66587/M66P587/M66Q587), 48 KB (M66585/586)
External: 1 MB, EA pin active
• Data memory (RAM)
Internal:
2 KB
External: 1022 KB
• I/O ports
Analog input-only port:
4 lines (test pins for M66585)
Input/output port:
Maximum 80 lines (40 lines with programmable pull-up)
• Timers
Free-running counter:
16-bit ¥ 1
Realtime output:
16-bit ¥ 2
General autoreload timer: 8-bit ¥ 1
• 16-bit PWM
Input clock divider:
1 divider
• 8-bit serial port
Synchronous with BRG:
1 port
E2E1033 -27-Y6
This version: Jan. 1998
Previous version: Nov. 1996


Similar Part No. - MSM587

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM58292 OKI-MSM58292 Datasheet
243Kb / 11P
5-DIGIT STATIC LCD DRIVER
MSM58292B OKI-MSM58292B Datasheet
243Kb / 11P
5-DIGIT STATIC LCD DRIVER
MSM5832 OKI-MSM5832 Datasheet
544Kb / 6P
MICROPROCESSOR REAL-TIME CLOCK/CALENDAR
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
REAL TIME CLOCK/CALENDAR
MSM5839 OKI-MSM5839 Datasheet
128Kb / 11P
40-DOT SEGMENT DRIVER
More results

Similar Description - MSM587

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
Complete, High Speed 16-Bit A/D Converter
logo
Linear Technology
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
High-speed 8-bit D/A Converter
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
ADL Embedded Solutions
104-AIO16-16W ADL-104-AIO16-16W Datasheet
458Kb / 2P
16-bit, High-Speed, 16-channel A/D with 12-bit D/A
logo
Linear Integrated Syste...
LTC1099CSW LINEAR-LTC1099CSW Datasheet
185Kb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
High-speed 8-bit D/A Converter
logo
Linear Technology
LTC1099 LINER-LTC1099_15 Datasheet
204Kb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com