Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM587 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM587
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM587 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM587 Datasheet HTML 7Page - OKI electronic componets MSM587 Datasheet HTML 8Page - OKI electronic componets MSM587 Datasheet HTML 9Page - OKI electronic componets MSM587 Datasheet HTML 10Page - OKI electronic componets MSM587 Datasheet HTML 11Page - OKI electronic componets MSM587 Datasheet HTML 12Page - OKI electronic componets MSM587 Datasheet HTML 13Page - OKI electronic componets MSM587 Datasheet HTML 14Page - OKI electronic componets MSM587 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
ABSOLUTE MAXIMUM RATINGS
Digital power supply voltage
Symbol
Units
Conditions
Parameter
Rating
Input voltage
Output voltage
Analog power supply voltage
Analog reference voltage
Analog input voltage
Power dissipation
Storage temperature
VDD
VI
VO
AVDD
VREF
VAI
PD
TSTG
GND=AGND=0V
Ta=25°C
Ta=70°C
Per package
Per output
—
–0.3 to +7.0
–0.3 to VDD+0.3
–0.3 to VDD+0.3
–0.3 to VDD+0.3
–0.3 to AVDD+0.3
–0.3 to VREF
–50 to +150
V
V
V
V
V
V
mW
mW
°C
8
650
Note: Power and ground connections must be made to all external VDD and GND pins.
ALLOWABLE OUTPUT CURRENT
"H" output pin (1 pin)
Symbol
Units
Pin
Parameter
Min.
"H" output pin (total)
"L" output pin (1 pin)
"L" output pin (total)
IOH
SIOH
IOL
SIOL
—
—
—
mA
—
All output pins
Total of all output pins
All output pins
Total of P0, P1, P5 and P7
Total of P2, P9 and P10
Total of P4 and P8
Total of all output pins
Total of P6 and P12
Typ.
—
—
—
—
Max.
–2
–40
5
50
100
(VDD=2.7 to 5.5V, Ta=–30 to +70°C)
RECOMMENDED OPERATING CONDITIONS
Symbol
Units
Conditions
Parameter
Range
Analog reference voltage
Analog input voltage
Memory hold voltage
Operating frequency
Temperature range
Fan-out
VREF
VAI
VDDH
fOSC
Ta
N
TTL loads
P0, P5_4, P5_5,
P7_0, P7_1
P1, P2, P4, P6,
P7_2-P7_7,
P8-P10, P12
AVDD–0.3 to AVDD
AGND to VREF
2.0 to 5.5
2 to 20
–30 to +70
2
1
V
V
V
MHz
°C
—
—
—
—
fOSC=0Hz
VDD=5V±10%
—
VDD
V
fOSC£20MHz
4.5 to 5.5
Digital power supply
voltage
MOS loads
20
—
fOSC£10MHz
2.7 to 5.5
VDD=2.7 to 5.5V
2 to 10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com