Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC3421CZVB Datasheet(PDF) 52 Page - Texas Instruments

Part # DLPC3421CZVB
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421CZVB Datasheet(HTML) 52 Page - Texas Instruments

Back Button DLPC3421CZVB Datasheet HTML 48Page - Texas Instruments DLPC3421CZVB Datasheet HTML 49Page - Texas Instruments DLPC3421CZVB Datasheet HTML 50Page - Texas Instruments DLPC3421CZVB Datasheet HTML 51Page - Texas Instruments DLPC3421CZVB Datasheet HTML 52Page - Texas Instruments DLPC3421CZVB Datasheet HTML 53Page - Texas Instruments DLPC3421CZVB Datasheet HTML 54Page - Texas Instruments DLPC3421CZVB Datasheet HTML 55Page - Texas Instruments DLPC3421CZVB Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
10.1.3 DSI Interface Layout
Follow these PCB layout guidelines for the DSI LVDS interface to ensure proper DSI operation.
• Route the differential clock and data lines to match 50-Ω single-ended and 100-Ω differential impedance.
• The length of dp and dn should be matched. If that is not possible, ensure that dp is only slightly longer than
dn (delta delay not to exceed 8-10 ps), especially for the clock-lane. This is to prevent propagation on the
clock lane during the HS to LP transition.
• No thru-hole vias permitted on high-speed traces.
• Create trace routes on top or bottom layers preferably.
• Must have a ground reference plane.
• Avoid power plane transitions in upper or lower layers.
• Avoid using SMD (surface mount device) resistors larger than 0402. If resistors are used in the traces, ensure
that the layer below has a void.
• No thru-hole SMA (SubMiniature version A) connectors.
• Minimize trace length as much as possible.
• Perform signal integrity simulations to ensure board performance.
10.1.4 Unused Pins
To avoid potentially damaging current caused by floating CMOS input-only pins, TI recommends tying unused
controller input pins through a pullup resistor to its associated power supply or a pulldown resistor to ground.
For controller inputs with internal pullup or pulldown resistors, it is unnecessary to add an external pullup or
pulldown unless specifically recommended. Note that internal pullup and pulldown resistors are weak and should
not be expected to drive an external device. The DLPC34xx controller implements very few internal resistors and
are listed in the tables found in the Pin Configuration and Functions section. When external pullup or pulldown
resistors are needed for pins that have weak pullup or pulldown resistors, choose a maximum resistance of 8
kΩ.
Never tie unused output-only pins directly to power or ground. Leave them open.
When possible, TI recommends that unused bidirectional I/O pins are configured to their output state such that
the pin can remain open. If this control is not available and the pins may become an input, then include an
appropriate pullup (or pulldown) resistor.
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com