Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC3421CZVB Datasheet(PDF) 13 Page - Texas Instruments

Part # DLPC3421CZVB
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421CZVB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC3421CZVB Datasheet HTML 9Page - Texas Instruments DLPC3421CZVB Datasheet HTML 10Page - Texas Instruments DLPC3421CZVB Datasheet HTML 11Page - Texas Instruments DLPC3421CZVB Datasheet HTML 12Page - Texas Instruments DLPC3421CZVB Datasheet HTML 13Page - Texas Instruments DLPC3421CZVB Datasheet HTML 14Page - Texas Instruments DLPC3421CZVB Datasheet HTML 15Page - Texas Instruments DLPC3421CZVB Datasheet HTML 16Page - Texas Instruments DLPC3421CZVB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
6.5 Power Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER(1) (2) (3)
TEST CONDITIONS
MIN
TYP(4)
MAX(5)
UNIT
I(VDD) +
I(VDD_PLLM) +
I(VDD_PLLD)
1.1-V rails
Frame rate = 60 Hz
124
184
mA
Frame rate = 120 Hz
161
243
Frame rate = 240 Hz
214
373
I(VDD_PLLM)
MCG PLL 1.1-V current(6)
Frame rate = 60 Hz
6
mA
Frame rate = 120 Hz
6
Frame rate = 240 Hz
6
I(VDD_PLLD)
DCG PLL 1.1-V current(6)
Frame rate = 60 Hz
6
mA
Frame rate = 120 Hz
6
Frame rate = 240 Hz
6
I(VCC18)
All 1.8-V I/O current: (1.8-V power supply
for all I/O other than the host or parallel
interface and the SPI flash interface)
Frame rate = 60 Hz
32
44
mA
Frame rate = 120 Hz
32
44
Frame rate = 240 Hz
32
44
I(VCC_INTF)
Host or parallel interface I/O current: 1.8 to
3.3 V (includes IIC0, PDATA, video syncs,
and HOST_IRQ pins)(6)
Frame rate = 60 Hz
2
mA
Frame rate = 120 Hz
2
Frame rate = 240 Hz
2
I(VCC_FLSH)
Flash interface I/O current: 1.8 to 3.3 V(6)
Frame rate = 60 Hz
1
mA
Frame rate = 120 Hz
1
Frame rate = 240 Hz
1
(1)
Values assume all pins using 1.1 V are tied together (including VDDLP12), and programmable host and flash I/O are at the minimum
nominal voltage (that is 1.8 V).
(2)
Input image is 640 × 360 (nHD) 24 bits using VESA reduced blanking v2 timings on the parallel interface at the frame rate shown with
the 0.16-in nHD (DLP160CP) DMD. The controller has the CAIC and LABB algorithms turned off.
(3)
The values do not take into account software updates or customer changes that may affect power performance.
(4)
Assumes nominal process, voltage, and temperature (25°C nominal ambient) with nominal input images.
(5)
Assumes worst case process, maximum voltage, and high nominal ambient temperature of 65°C with worst case input image.
(6)
This rail was not measured due to board limitations. Simulation values are used instead. Simulations assume 12.5% activity factor,
30% clock gating on appropriate domains, and mixed SVT (standard threshold voltage) or HVT (high threshold voltage) cells
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com