Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA186A4IDDFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA186A4IDDFR
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA186A4IDDFR Datasheet(HTML) 4 Page - Texas Instruments

  INA186A4IDDFR Datasheet HTML 1Page - Texas Instruments INA186A4IDDFR Datasheet HTML 2Page - Texas Instruments INA186A4IDDFR Datasheet HTML 3Page - Texas Instruments INA186A4IDDFR Datasheet HTML 4Page - Texas Instruments INA186A4IDDFR Datasheet HTML 5Page - Texas Instruments INA186A4IDDFR Datasheet HTML 6Page - Texas Instruments INA186A4IDDFR Datasheet HTML 7Page - Texas Instruments INA186A4IDDFR Datasheet HTML 8Page - Texas Instruments INA186A4IDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage
6
V
VIN+, VIN– Analog inputs
Differential (VIN+) – (VIN–)(2)
–42
42
V
VIN+, VIN–, with respect to GND(3)
GND – 0.3
42
VENABLE
ENABLE
GND – 0.3
6
V
REF, OUT(3)
GND – 0.3
(VS) + 0.3
V
Input current into any pin(3)
5
mA
TA
Operating temperature
–55
150
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
(3)
Input voltage at any pin may exceed the voltage shown if the current at that pin is limited to 5 mA.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input range
GND – 0.2
40
V
VIN+, VIN–
Input pin voltage range
GND – 0.2
40
V
VS
Operating supply voltage
1.7
5.5
V
VREF
Reference pin voltage range
GND
VS
V
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
INA186
UNIT
YFD (DSBGA)
DCK (SC70)
DDF (SOT23)
6 PINS
6 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
141.4
170.7
137.2
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
1.1
132.7
38.4
°C/W
RθJB
Junction-to-board thermal resistance
45.7
65.3
57.1
°C/W
ΨJT
Junction-to-top characterization parameter
0.4
45.7
5.1
°C/W
ΨJB
Junction-to-board characterization parameter
45.3
65.2
56.6
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com