Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA186A4IDDFR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA186A4IDDFR
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA186A4IDDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA186A4IDDFR Datasheet HTML 18Page - Texas Instruments INA186A4IDDFR Datasheet HTML 19Page - Texas Instruments INA186A4IDDFR Datasheet HTML 20Page - Texas Instruments INA186A4IDDFR Datasheet HTML 21Page - Texas Instruments INA186A4IDDFR Datasheet HTML 22Page - Texas Instruments INA186A4IDDFR Datasheet HTML 23Page - Texas Instruments INA186A4IDDFR Datasheet HTML 24Page - Texas Instruments INA186A4IDDFR Datasheet HTML 25Page - Texas Instruments INA186A4IDDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
8.1.4 Common-Mode Voltage Transients
With a small amount of additional circuitry, the INA186 can be used in circuits subject to transients that exceed
the absolute maximum voltage ratings. The most simple way to protect the inputs from negative transients is to
add resistors in series with the IN– and IN+ pins. Use resistors that are 1 kΩ or less, and limit the current in the
ESD structures to less than 5 mA. For example, using 1-kΩ resistors in series with the INA186 allows voltages
as low as –5 V, while limiting the ESD current to less than 5 mA. Use the circuits shown in Figure 8-4 and Figure
8-5 if protection from high-voltage or more-negative, common-voltage transients is needed. When implementing
these circuits, use only Zener diodes or Zener-type transient absorbers (sometimes referred to as transzorbs);
any other type of transient absorber has an unacceptable time delay. Start by adding a pair of resistors as a
working impedance for the Zener diode (see Figure 8-4). Keep these resistors as small as possible; most often,
use around 100 Ω. See Signal Conditioning for information on how larger values can be used with an effect on
gain. This circuit limits only short-term transients; therefore, many applications are satisfied with a 100-Ω resistor
along with conventional Zener diodes of the lowest acceptable power rating. This combination uses the least
amount of board space. These diodes can be found in packages as small as
SOT-523 or SOD-523.
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
RPROTECT
RPROTECT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
INA186
REF
GND
< 1 k:
< 1 k:
CBYPASS
0.1 µF
Figure 8-4. Transient Protection Using Dual Zener Diodes
In the event that low-power Zener diodes do not have sufficient transient absorption capability, a higher-power
transzorb must be used. The most package-efficient solution involves using a single transzorb and back-to-back
diodes between the device inputs, as shown in Figure 8-5. The most space-efficient solutions are dual, series-
connected diodes in a single SOT-523 or SOD-523 package. In either of the examples shown in Figure 8-4 and
Figure 8-5, the total board area required by the INA186 with all protective components is less than that of an
SO-8 package, and only slightly greater than that of an VSSOP-8 package.
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
RPROTECT
RPROTECT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
INA186
REF
GND
< 1 k:
< 1 k:
Transorb
CBYPASS
0.1 µF
Figure 8-5. Transient Protection Using a Single Transzorb and Input Clamps
For more information, see the Current Shunt Monitor With Transient Robustness reference design.
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com