Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2215 Datasheet(PDF) 18 Page - OKI electronic componets

Part # ML2215
Description  Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2215 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button ML2215 Datasheet HTML 14Page - OKI electronic componets ML2215 Datasheet HTML 15Page - OKI electronic componets ML2215 Datasheet HTML 16Page - OKI electronic componets ML2215 Datasheet HTML 17Page - OKI electronic componets ML2215 Datasheet HTML 18Page - OKI electronic componets ML2215 Datasheet HTML 19Page - OKI electronic componets ML2215 Datasheet HTML 20Page - OKI electronic componets ML2215 Datasheet HTML 21Page - OKI electronic componets ML2215 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
FEDL2215-01
1Semiconductor
ML2215
18/26
Table 8.3 Musical Scales and Corresponding Scale Codes
Scale Code
Musical
Scale
Frequency
(Hz)
N7
N6
N5
N4
N3
N2
N1
N0
N7 to N0
C
1
261.22
1
1
1
1
0
0
1
1
F3H
Cis
1
277.06
1
1
1
0
0
1
0
1
E5H
D
1
293.58
1
1
0
1
1
0
0
0
D8H
Dis
1
310.68
1
1
0
0
1
1
0
0
CCH
E
1
329.90
1
1
0
0
0
0
0
0
C0H
F
1
349.73
1
0
1
1
0
1
0
1
B5H
Fis
1
369.94
1
0
1
0
1
0
1
1
ABH
G
1
392.64
1
0
1
0
0
0
0
1
A1H
Gis
1
415.58
1
0
0
1
1
0
0
0
98H
A
1
441.38
1
0
0
0
1
1
1
1
8FH
Ais
1
467.15
1
0
0
0
0
1
1
1
87H
B
1
492.31
1
0
0
0
0
0
0
0
80H
C
2
524.59
0
1
1
1
1
0
0
0
78H
Cis
2
556.52
0
1
1
1
0
0
0
1
71H
D
2
587.16
0
1
1
0
1
0
1
1
6BH
Dis
2
621.36
0
1
1
0
0
1
0
1
65H
E
2
659.79
0
1
0
1
1
1
1
1
5FH
F
2
695.65
0
1
0
1
1
0
1
0
5AH
Fis
2
744.19
0
1
0
1
0
1
0
0
54H
G
2
780.49
0
1
0
1
0
0
0
0
50H
Gis
2
831.17
0
1
0
0
1
0
1
1
4BH
A
2
876.71
0
1
0
0
0
1
1
1
47H
Ais
2
927.54
0
1
0
0
0
0
1
1
43H
B
2
984.62
0
0
1
1
1
1
1
1
3FH
C
3
1049.18
0
0
1
1
1
0
1
1
3BH
Cis
3
1103.45
0
0
1
1
1
0
0
0
38H
D
3
1185.19
0
0
1
1
0
1
0
0
34H
Dis
3
1254.90
0
0
1
1
0
0
0
1
31H
E
3
1306.12
0
0
1
0
1
1
1
1
2FH
F
3
1391.30
0
0
1
0
1
1
0
0
2CH
Fis
3
1488.37
0
0
1
0
1
0
0
1
29H
(2) Musical Note Code
The first byte of music data code is where a user can define musical note code. Table 8.4 shows musical notes and
their corresponding note codes (L5 to L0). When all bits are set to “0”, the duration or beat of the note is identical
to that of the code with L0 alone set to “1” (1/64).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com