Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2215 Datasheet(PDF) 15 Page - OKI electronic componets

Part # ML2215
Description  Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2215 Datasheet(HTML) 15 Page - OKI electronic componets

Back Button ML2215 Datasheet HTML 11Page - OKI electronic componets ML2215 Datasheet HTML 12Page - OKI electronic componets ML2215 Datasheet HTML 13Page - OKI electronic componets ML2215 Datasheet HTML 14Page - OKI electronic componets ML2215 Datasheet HTML 15Page - OKI electronic componets ML2215 Datasheet HTML 16Page - OKI electronic componets ML2215 Datasheet HTML 17Page - OKI electronic componets ML2215 Datasheet HTML 18Page - OKI electronic componets ML2215 Datasheet HTML 19Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
FEDL2215-01
1Semiconductor
ML2215
15/26
7.
Volume Setting
The volume of the AOUT pin can be adjusted by applying voltage to the V
REF pin.
Figure 7.1 V
REF – AOUT Amplitude
Figure 7.1 shows the relationship between the V
REF voltage and the AOUT amplitude. Set the VREF voltage in the
range of 1 to 4 V. The relationship is given by the equation:
AOUT (p-p)
≅ 5 − V
REF (VREF = 1 to 4 V).
When a volume is not adjusted, leave the V
REF pin open.
8.
Music Generator
The Music Generator circuit initiates music output via the MD pin by activating a user-defined music phrase from
an external controller. The Music Generator outputs music, automatically acquiring musical notes data stored in
the Mask ROM. Acquiring the last note code where the end-bit is set to “1”, results in stopping playback.
A user can define a music phrase by entering the starting address and tempo data in the Phrase Control Table, and
codes for musical notes and the end-bit information in the User’s Data area. These data for a music phrase, based
on the score of music, can be created and entered by using an OKI’s Analyzing Tool according to coding rules and
formats described later in this document.
8.1 Tempo Data
Tempo data for a music phrase can be defined in the Phrase Control Table while preparing ROM data. Tempo
cannot be changed from an external controller.
Tempo data defines a beat and rhythm for a music phrase. Table 8.1 lists tempos (the count of quarter notes per
minute) available for user’s selection.
0
1
2
3
4
5
0
1
2345
V
REF (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com