Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWPR1124ZVHT Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MWPR1124ZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1124ZVHT Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MWPR1124ZVHT Datasheet HTML 76Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 77Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 78Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 79Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 80Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 81Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 82Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 83Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
8.3.3 System Modules
This section contains tables describing the system signals.
Table 55. System Module Signal Descriptions
SoC Signal Name
Module Signal Name
Description
I/O
NMI_b
—
Non-maskable interrupt
I
RESET_b
—
Reset bidirectional signal
I/O
VDD_[1:0]
VDD
Power supply
I
Ground
VSS
Ground
I
VDD_RF[3:1]
VDD_RF
Radio power supply
I
VDCDC_IN
VDCDC_IN
VDCDC_IN
I
VDD_1P8OUT
VDD_1P8
DCDC 1.8 V Regulated
Output / Input in bypass
I/O
VDD_1P5OUT_PMCIN
VDD_1P5/VDD_PMC
DCDC 1.5 V Regulated
Output / PMC Input in bypass
I/O
PSWITCH
PSWITCH
DCDC enable switch
I
DCDC_CFG
DCDC_CFG
DCDC switch mode select
I
DCDC_LP
DCDC_LP
DCDC inductor input positive I/O
DCDC_LN
DCDC_LN
DCDC inductor input negative I/O
DCDC_GND
DCDC_GND
DCDC ground
I
Table 56. LLWU Module Signal Descriptions
SoC Signal Name
Module Signal Name
Description
I/O
LLWU_P[15:0]
LLWU_P[15:0]
Wakeup inputs
I
8.3.4 Clock Modules
This section contains tables for Clock signal descriptions.
Table 57. Clock Module Signal Descriptions
SoC Signal Name
Module Signal Name
Description
I/O
EXTAL
EXTAL
26 MHz/32 MHz External
clock/Oscillator input
I
XTAL
XTAL
26 MHz/32 MHz Oscillator
input
I
XTAL_OUT
XTAL_OUT
26 MHz/32 MHz Clock output O
Table continues on the next page...
Pin Diagrams and Pin Assignments
80
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com