Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWPR1124ZVHT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MWPR1124ZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1124ZVHT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MWPR1124ZVHT Datasheet HTML 9Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 10Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 11Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 12Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 13Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 14Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 15Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 16Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
• Two channels
• Compatible with I2C bus standard and SMBus Specification Version 2 features
• Up to 400 kHz operation
• Multi-master operation
• Software programmable for one of 64 different serial clock frequencies
• Programmable slave address and glitch input filter
• Interrupt driven byte-by-byte data transfer
• Arbitration lost interrupt with automatic mode switching from master to slave
• Calling address identification interrupt
• Bus busy detection broadcast and 10-bit address extension
• Address matching causes wake-up when processor is in low power mode
LPUART
• One channel
• Full-duplex operation
• Standard mark/space non-return-to-zero (NRZ) format
• 13-bit baud rate selection with fractional divide of 32
• Programmable 8-bit or 9-bit data format
• Programmable 1 or 2 stop bits
• Separately enabled transmitter and receiver
• Programmable transmitter output polarity
• Programmable receive input polarity
• 13-bit break character option
• 11-bit break character detection option
• Two receiver wakeup methods:
• Idle line wakeup
• Address mark wakeup
• Address match feature in receiver to reduce address mark wakeup ISR overhead
• Interrupt or DMA driven operation
• Receiver framing error detection
• Hardware parity generation and checking
• Configurable oversampling ratio to support from 1/4 to 1/32 bit-time noise
detection
• Operation in low power modes
• Hardware Flow Control RTS\CTS
• Functional in Stop/VLPS modes
Serial Peripheral Interface (SPI)
• Two independent SPI channels
• Master and slave mode
Feature Descriptions
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
13
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com