Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWPR1024IZVHT Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MWPR1024IZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1024IZVHT Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MWPR1024IZVHT Datasheet HTML 45Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 46Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 47Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 48Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 49Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 50Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 51Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 52Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
1. This parameter is measured with the internal reference (slow clock) being used as a reference to the FLL (FEI clock
mode).
2. The deviation is relative to the factory trimmed frequency at nominal VDD and 25 °C, fints_ft.
3. These typical values listed are with the slow internal reference clock (FEI) using factory trim and DMX32 = 0.
4. The resulting system clock frequencies must not exceed their maximum specified values. The DCO frequency
deviation (
Δfdco_t) over voltage and temperature must be considered.
5. These typical values listed are with the slow internal reference clock (FEI) using factory trim and DMX32 = 1.
6. The resulting clock frequency must not exceed the maximum specified clock frequency of the device.
7. This specification is based on standard deviation (RMS) of period or frequency.
8. This specification applies to any time the FLL reference source or reference divider is changed, trim value is changed,
DMX32 bit is changed, DRS bits are changed, or changing from FLL disabled (BLPE, BLPI) to FLL enabled (FEI, FEE,
FBE, FBI). If a crystal/resonator is being used as the reference, this specification assumes it is already running.
7.5.3.2 Reference Oscillator Specification
The MWPR1x24 has been designed to meet targeted specifications with a +/-20 ppm
frequency error over the life of the part, which includes the temperature, mechanical
and aging effects.
The table below lists the recommended crystal specifications. Note that these are
recommendations only and deviation may be allowed. However, deviations may result
in degraded RF performance or possibly a failure to meet RF protocol certification
standards. Designers must ensure that the crystal(s) they use will meet the
requirements of their application.
Table 25. Recommended Crystal Specification
Symbol
Description
Comment
32M
26M
Unit
Min
Typ
Max
Min
Typ
Max
Operating
Temperature
-40
105
-40
105
℃
Faging
Frequency
accuracy over
aging
1st year
-5
5
-5
5
ppm -
1st yr
iFacc
Initial Frequency
accuracy
with respect
to XO
-10
10
-10
10
ppm
Fstab
Frequency
stability
across
temperature,
mechanical ,
load and
voltage
changes
-10
10
-10
10
ppm
CL
Values of CL
supported(Integr
ated on die and
programmable)
7
10
13
7
10
13
pF
Co
Shunt parasitic
capacitance
0.469
0.67
0.871
0.42
0.6
0.78
pF
Table continues on the next page...
MCU Electrical Characteristics
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
49
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com