Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWPR1024IZVHT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MWPR1024IZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1024IZVHT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MWPR1024IZVHT Datasheet HTML 4Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 5Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 6Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 7Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 8Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 9Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 10Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 11Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
• Flash implemented as two equal blocks each of 256 KB block. Code can
execute or read from one block while the other block is being erased or
programmed.
• Firmware distribution protection. Program flash can be marked execute-only
on a per-sector (8 KB) basis to prevent firmware contents from being read by
third parties.
• 128 KB SRAM
• Security circuitry to prevent unauthorized access to RAM and flash contents
through the debugger
3.4 System features
Power Management Control Unit (PMC)
• Programmable power saving modes
• Available wake-up from power saving modes via internal and external sources
• Integrated Power-on Reset (POR)
• Integrated Low Voltage Detect (LVD) with reset (brownout) capability
• Selectable LVD trip points
• Programmable Low Voltage Warning (LVW) interrupt capability
• Individual peripheral clocks can be gated off to reduce current consumption
• Internal Buffered bandgap reference voltage
• Factory programmed trim for bandgap and LVD
• 1 kHz Low Power Oscillator (LPO)
DC-DC Converters
• Internal switched mode power supply supporting Buck, Boost, and Bypass
operating modes
• Buck operation supports external voltage sources of 2.1 V to 4.2 V. This reduces
peak current consumption during Rx and Tx by ~25%, ideal for single coin-cell
battery operation (typical CR2032 cell).
• Boost operation supports external voltage sources of 0.9 V to 1.795 V, which is
efficiently increased to the static internal core voltage level, ideal for single battery
operation (typical AA or AAA alkaline cell).
• When DC-DC is not used, the device supports an external voltage range of 1.5 V to
3.6 V (1.5 - 3.6 V on VDD_RF1, VDD_RF2, VDD_XTAL and
VDD_1P5OUT_PMCIN pins. 1.71 - 3.6 V on VDD_0, VDD_1 and VDDA pins)
Feature Descriptions
8
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com