Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7055LP Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML7055LP
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LP Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML7055LP Datasheet HTML 3Page - OKI electronic componets ML7055LP Datasheet HTML 4Page - OKI electronic componets ML7055LP Datasheet HTML 5Page - OKI electronic componets ML7055LP Datasheet HTML 6Page - OKI electronic componets ML7055LP Datasheet HTML 7Page - OKI electronic componets ML7055LP Datasheet HTML 8Page - OKI electronic componets ML7055LP Datasheet HTML 9Page - OKI electronic componets ML7055LP Datasheet HTML 10Page - OKI electronic componets ML7055LP Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
7/30
RF I/F
Pin Placement
Pin Name
Direc-
tion
[*0]
Internal
Pull Up/
Down,
Schmitt
Initial
Value
ML7055
HB
ML7055
LA
ML7055
LP
Description
PLLLOCK
I
Pull
down
—
—
—
B4
B6
B5
ML7050: —
CX72303: —
BCM2002X: 1MHz clock
H
—
PLL_OFF
O
—
L
D6
B1
B1
ML7050: PLL loop control
0: Open loop
1: Closed loop
CX72303: Diversity output
BCM2002X: PA Power control
PCM I/F
Pin Placement
Pin Name
Direc-
tion
Internal
Pull Up/
Down,
Schmitt
Initial
Value
ML7055
HB
ML7055
LA
ML7055
LP
Description
PCMOUT
O
—
L
G6
J3
J4
PCM data output
PCMIN
I
Pull up
—
H4
J5
H5
PCM data input
PCMSYNC
I/O
Pull
down
—
F5
J4
K4
PCM sync signal (8 kHz),
Initial setting: input
(can be switched by an internal
register)
PCMCLK
I/O
Pull
down
—
G5
K4
H4
PCM clock (64 kHz/128 kHz)
Initial setting: input
(can be switched by an internal
register)
Note: The PCM sync signal (8 kHz) must be guaranteed at the accuracy of
±50 ppm if the
PCMSYNC pin is configured as an input.
UART I/F
Pin Placement
Pin Name
Direc-
tion
Internal
Pull Up/
Down,
Schmitt
Initial
Value
ML7055
HB
ML7055
LA
ML7055
LP
Description
SOUT
O
—
H
E7
F1
F2
ACE transmit serial data
SIN
I
Schmitt
—
D4
G1
G2
ACE receive serial data
RTS
O
—
—
G2
J9
K9
ACE transmit data ready
CTS
I
—
H
F3
K9
J9
ACE transmit ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com