Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4990IPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4990IPWR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4990IPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA4990IPWR Datasheet HTML 28Page - Texas Instruments OPA4990IPWR Datasheet HTML 29Page - Texas Instruments OPA4990IPWR Datasheet HTML 30Page - Texas Instruments OPA4990IPWR Datasheet HTML 31Page - Texas Instruments OPA4990IPWR Datasheet HTML 32Page - Texas Instruments OPA4990IPWR Datasheet HTML 33Page - Texas Instruments OPA4990IPWR Datasheet HTML 34Page - Texas Instruments OPA4990IPWR Datasheet HTML 35Page - Texas Instruments OPA4990IPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
–300 µV to +300 µV. At 4 σ (±1200 µV), 99.9937% of the distribution has an offset voltage less than ±1200 µV,
which means 0.0063% of the population is outside of these limits, which corresponds to about 1 in 15,873 units.
Specifications with a value in the minimum or maximum column are assured by TI, and units outside these limits
will be removed from production material. For example, the OPAx990 family has a maximum offset voltage of
1.5 mV at 25°C, and even though this corresponds to 5 σ (≈1 in 1.7 million units), which is extremely unlikely, TI
assures that any unit with larger offset than 1.5 mV will be removed from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guardband for your application, and design worst-case conditions using this value. For example, the 6σ
value corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and could be an option
as a wide guardband to design a system around. In this case, the OPAx990 family does not have a maximum
or minimum for offset voltage drift, but based on Figure 6-2 and the typical value of 0.6 µV/°C in the Electrical
Characteristics table, it can be calculated that the 6-σ value for offset voltage drift is about 3.6 µV/°C. When
designing for worst-case system conditions, this value can be used to estimate the worst possible offset across
temperature without having an actual minimum or maximum value.
However, process variation and adjustments over time can shift typical means and standard deviations, and
unless there is a value in the minimum or maximum specification column, TI cannot assure the performance of a
device. This information should be used only to estimate the performance of a device.
7.3.10 Packages With an Exposed Thermal Pad
The OPAx990 family is available in packages such as the WSON-8 (DSG) and WQFN-16 (RTE) which feature
an exposed thermal pad. Inside the package, the die is attached to this thermal pad using an electrically
conductive compound. For this reason, when using a package with an exposed thermal pad, the thermal pad
must either be connected to V– or left floating. Attaching the thermal pad to a potential other than V– is not
allowed, and performance of the device is not assured when doing so.
7.3.11 Shutdown
The OPAx990S devices feature one or more shutdown pins (SHDN) that disable the op amp, placing it into a
low-power standby mode. In this mode, the op amp typically consumes about 20 µA. The SHDN pins are active
high, meaning that shutdown mode is enabled when the input to the SHDN pin is a valid logic high. The amplifier
is enabled when the input to the SHDN pin is a valid logic low.
The SHDN pins are referenced to the negative supply rail of the op amp. The threshold of the shutdown feature
lies around 800 mV (typical) and does not change with respect to the supply voltage. Hysteresis has been
included in the switching threshold to ensure smooth switching characteristics. To ensure optimal shutdown
behavior, the SHDN pins should be driven with valid logic signals. A valid logic low is defined as a voltage
between V– and V– + 0.2 V. A valid logic high is defined as a voltage between V– + 1.1 V and V– + 20 V.
The shutdown pin circuitry includes a pull-down resistor, which will inherently pull the voltage of the pin to the
negative supply rail if not driven. Thus, to enable the amplifier, the SHDN pins should either be left floating or
driven to a valid logic low. To disable the amplifier, the SHDN pins must be driven to a valid logic high. The
maximum voltage allowed at the SHDN pins is V– + 20 V or V+, whichever is lower. Exceeding V– + 20V or V+,
whichever is lower, will damage the device.
The SHDN pins are high-impedance CMOS inputs. Channels of single and dual op amp packages are
independently controlled, and channels of quad op amp packages are controlled in pairs. For battery-operated
applications, this feature may be used to greatly reduce the average current and extend battery life. The
typical enable time out of shutdown is 11 µs; disable time is 2.5 µs. When disabled, the output assumes a
high-impedance state. This architecture allows the OPAx990S family to operate as a gated amplifier, multiplexer,
or programmable-gain amplifier. Shutdown time (tOFF) depends on loading conditions and increases as load
resistance increases. To ensure shutdown (disable) within a specific shutdown time, the specified 10-kΩ load
to midsupply (VS / 2) is required. If using the OPAx990S without a load, the resulting turnoff time significantly
increases.
OPA990, OPA2990, OPA4990
SBOS933I – FEBRUARY 2019 – REVISED AUGUST 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA990 OPA2990 OPA4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com