Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4990IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4990IPWR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4990IPWR Datasheet(HTML) 5 Page - Texas Instruments

  OPA4990IPWR Datasheet HTML 1Page - Texas Instruments OPA4990IPWR Datasheet HTML 2Page - Texas Instruments OPA4990IPWR Datasheet HTML 3Page - Texas Instruments OPA4990IPWR Datasheet HTML 4Page - Texas Instruments OPA4990IPWR Datasheet HTML 5Page - Texas Instruments OPA4990IPWR Datasheet HTML 6Page - Texas Instruments OPA4990IPWR Datasheet HTML 7Page - Texas Instruments OPA4990IPWR Datasheet HTML 8Page - Texas Instruments OPA4990IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
A.
DDF and TDDF differ in pin 1 orientation within tape and reel.
See Mechanical, Packaging, and Orderable Information section
for more information.
Figure 5-4. OPA2990 D, DDF, DGK, PW, and TDDF
Package(A)
8-Pin SOIC, SOT-23-8, TSSOP, and VSSOP
Top View
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
Thermal
Pad
A.
Connect thermal pad to V–. See Packages with an Exposed
Thermal Pad section for more information.
Figure 5-5. OPA2990 DSG Package(A)
8-Pin WSON With Exposed Thermal Pad
Top View
Table 5-3. Pin Functions: OPA2990
PIN
I/O
DESCRIPTION
NAME
NO.
IN1+
3
I
Noninverting input, channel 1
IN1–
2
I
Inverting input, channel 1
IN2+
5
I
Noninverting input, channel 2
IN2–
6
I
Inverting input, channel 2
OUT1
1
O
Output, channel 1
OUT2
7
O
Output, channel 2
V+
8
—
Positive (highest) power supply
V–
4
—
Negative (lowest) power supply
www.ti.com
OPA990, OPA2990, OPA4990
SBOS933I – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA990 OPA2990 OPA4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com