Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5601 Datasheet(PDF) 13 Page - ams AG

Part # AS5601
Description  12-Bit Programmable Contactless Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 13 Page - ams AG

Back Button AS5601_V01 Datasheet HTML 9Page - ams AG AS5601_V01 Datasheet HTML 10Page - ams AG AS5601_V01 Datasheet HTML 11Page - ams AG AS5601_V01 Datasheet HTML 12Page - ams AG AS5601_V01 Datasheet HTML 13Page - ams AG AS5601_V01 Datasheet HTML 14Page - ams AG AS5601_V01 Datasheet HTML 15Page - ams AG AS5601_V01 Datasheet HTML 16Page - ams AG AS5601_V01 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ams Datasheet
Page 13
[v1-07] 2016-Sep-09
Document Feedback
AS5601 − Detailed Description
I²C Modes
Invalid Addresses
There are two addresses used to access an AS5601 register. The
first is the slave address used to select the AS5601. All I²C bus
transactions include a slave address. The slave address of the
AS5601 is 0x36 (0110110 in binary). The second address is a
word address sent in the first byte transferred in a write
transaction. The word address selects a register on the AS5601.
The word address is loaded into the address pointer on the
AS5601. During subsequent read transactions and subsequent
bytes in the write transaction, the address pointer provides the
address of the selected register. The address pointer is
incremented after each byte is transferred, except for certain
read transactions to special registers.
If the user sets the address pointer to an invalid word address,
the address byte is not acknowledged (the A bit is high).
Nevertheless, a read or write cycle is possible. The address
pointer is increased after each byte.
Reading
When reading from an invalid address, the AS5601 returns all
zeros in the data bytes. The address pointer is incremented after
each byte. Sequential reads over the whole address range are
possible including address overflow.
Automatic increment of the address pointer for ANGLE, RAW
ANGLE, and MAGNITUDE registers:
These are special registers which suppress the automatic
increment of the address pointer on reads, so a re-read of these
registers requires no I²C write command to reload the address
pointer. This special treatment of the pointer is effective only if
the address pointer is set to the high byte of the register.
Writing
A write to an invalid address is not acknowledged by the
AS5601, although the address pointer is incremented. When the
address pointer points to a valid address again, a successful
write accessed is acknowledged. Page write over the whole
address range is possible including address overflow.
Supported Bus Protocol
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever
SCL is high. Changes in the data line while SCL is high are
interpreted as START or STOP conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com