Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5601 Datasheet(PDF) 3 Page - ams AG

Part # AS5601
Description  12-Bit Programmable Contactless Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 3 Page - ams AG

  AS5601_V01 Datasheet HTML 1Page - ams AG AS5601_V01 Datasheet HTML 2Page - ams AG AS5601_V01 Datasheet HTML 3Page - ams AG AS5601_V01 Datasheet HTML 4Page - ams AG AS5601_V01 Datasheet HTML 5Page - ams AG AS5601_V01 Datasheet HTML 6Page - ams AG AS5601_V01 Datasheet HTML 7Page - ams AG AS5601_V01 Datasheet HTML 8Page - ams AG AS5601_V01 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ams Datasheet
Page 3
[v1-07] 2016-Sep-09
Document Feedback
AS5601 − Pin Assignments
Figure 3:
SOIC-8 Pin-Out
Pin Description
Figure 4:
Pin Description
Pin Number
Name
Type
Description
1
VDD5V
Supply
Positive voltage supply in 5V mode
2
VDD3V3
Supply
Positive voltage supply in 3.3V mode (requires
an external 1-μF decoupling capacitor in 5V
mode)
3
PUSH
Digital output
Contactless pushbutton function output
4GND
Supply
Ground
5
B
Digital output
Quadrature incremental signal B
6
SDA
Digital input/output
I²C Data
7SCL
Digital input
I²C Clock
8
A
Digital output
Quadrature incremental signal A
Pin Assignments
2
3
4
5
6
7
8
1
VDD3V3
PUSH
GND
VDD5V
B
SDA
SCL
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com