Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 172 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 172 Page - ams AG

Back Button AS3722 Datasheet HTML 168Page - ams AG AS3722 Datasheet HTML 169Page - ams AG AS3722 Datasheet HTML 170Page - ams AG AS3722 Datasheet HTML 171Page - ams AG AS3722 Datasheet HTML 172Page - ams AG AS3722 Datasheet HTML 173Page - ams AG AS3722 Datasheet HTML 174Page - ams AG AS3722 Datasheet HTML 175Page - ams AG AS3722 Datasheet HTML 176Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 198 page
background image
Page 172
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 211:
Fuse8
Addr:a8h
Fuse8
Bit
Bit Name
Default
Access
Bit Description
6
sd2_hcurr_tr
0
RW
Selects high current mode of SD2
5:4
ldo3_vtrack_tr
0
RW
Selects offset for tracking mode
0 : no offset
1 : +10mV offset of LDO3 at 1.2V Vout (+0.83%)
2 : +20mV offset of LDO3 at 1.2V Vout (+1.66%)
3 : +30mV offset of LDO3 at 1.2V Vout (+2.5%)
3sd5_fast
0
RW
Selects a faster regulation mode for SD5 suitable
for larger load changes.
0 : normal mode, Cout (according spec)
1 : fast mode, 2 x Cout (according spec) required
2sd4_fast
0
RW
Selects a faster regulation mode for SD4 suitable
for larger load changes.
0 : normal mode, Cout (according spec)
1 : fast mode, 2 x Cout (according spec) required
1sd3_fast
0
RW
Selects a faster regulation mode for SD3 suitable
for larger load changes.
0 : normal mode, Cout (according spec)
1 : fast mode, 2 x Cout (according spec) required
0sd2_fast
0
RW
Selects a faster regulation mode for SD2 suitable
for larger load changes.
0 : normal mode, Cout (according spec)
1 : fast mode, 2 x Cout (according spec) required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com