Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 175 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 175 Page - ams AG

Back Button AS3722 Datasheet HTML 171Page - ams AG AS3722 Datasheet HTML 172Page - ams AG AS3722 Datasheet HTML 173Page - ams AG AS3722 Datasheet HTML 174Page - ams AG AS3722 Datasheet HTML 175Page - ams AG AS3722 Datasheet HTML 176Page - ams AG AS3722 Datasheet HTML 177Page - ams AG AS3722 Datasheet HTML 178Page - ams AG AS3722 Datasheet HTML 179Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 198 page
background image
ams Datasheet
Page 175
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 214:
Fuse11
Addr:abh
Fuse11
Bit
Bit Name
Default
Access
Bit Description
7
onkey_lpress_reset
0
RW
Selects behavior on onkey_lpress
0 : change to power_off mode on long press
1 : apply reset on long press
6:5
onkey_shutdown_delay
0
RW
Selects default state of the bit
on_shutdown_delay
4ac_ok_invert
0
RW
Sets the polarity of the AC_OK pin
0 : High active for AC_OK
1 : Inverted: Low active for AC_OK
3
onkey_invert
0
RW
Sets the polarity of the ONKEY pin
0 : High active for ONKEY
1 : Inverted: Low active for ONKEY
2SupResEn
0
RW
0 : A reset is generated if VBAT or VSUP falls
below 2.5V. If VBAT falls below ResVoltFall
only an interrupt is generated (if enabled)
and the uProcessor can shut down the
system)
1 : A reset is generated if VBAT falls below
ResVoltFall or VSUP falls below vsup_min
1
gpio12_in_en
0
RW
Don't use
0lid_invert
0
RW
Sets the polarity of the LID pin
0 : High active for LID
1 : Inverted: Low active for LID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com