Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 174 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 174 Page - ams AG

Back Button AS3722 Datasheet HTML 170Page - ams AG AS3722 Datasheet HTML 171Page - ams AG AS3722 Datasheet HTML 172Page - ams AG AS3722 Datasheet HTML 173Page - ams AG AS3722 Datasheet HTML 174Page - ams AG AS3722 Datasheet HTML 175Page - ams AG AS3722 Datasheet HTML 176Page - ams AG AS3722 Datasheet HTML 177Page - ams AG AS3722 Datasheet HTML 178Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 198 page
background image
Page 174
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 213:
Fuse10
Addr:aah
Fuse10
Bit
Bit Name
Default
Access
Bit Description
7unique_id
0
RW
Enable/Disable unique ID
If enabled, Fuse42..47 are used for UID and
not for startup
6
power_off_at_vsuplow
0
RW
Switch on Power_Off mode if low
VBAT/VSUP is detected during Active or
Standby mode (pin ONKEY=low and bit
auto_off=0)
0 : If low VBAT/VSUP is detected,
continuously monitor battery voltage and
startup if battery voltage is above
ResVoltRise
1 : If low VBAT/VSUP is detected, enter
Power_Off mode
5
i2c_deva_bit1
0
RW
Set to 0
4rtc_on
0
RW
Switch on the 32kHz RTC oscillator
0 : 32kHz oscillator disabled
1 : 32kHz oscillator enabled. This will add 200
ms delay after POR to ensure proper
operation.
3
lid_pwr_on
0
RW
Enables exit out of PWR OFF mode with pin
LID (pin enabled in PWR off mode)
0 : LID disabled
1 : LID enabled
2
ac_ok_pwr_on
0
RW
Enables exit out of PWR OFF mode with pin
AC_OK (pin enabled in PWR off mode)
0 : AC_OK disabled
1 : AC_OK enabled
1del_time
0
RW
0 : 1 ms delay time
1 : 4 ms delay time
0
sequ_on
0
RW
Set to "1" to enable the start_up sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com