Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3471 Datasheet(PDF) 13 Page - ams AG

Part # TCS3471
Description  Color Light-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3471 Datasheet(HTML) 13 Page - ams AG

Back Button TCS3471 Datasheet HTML 9Page - ams AG TCS3471 Datasheet HTML 10Page - ams AG TCS3471 Datasheet HTML 11Page - ams AG TCS3471 Datasheet HTML 12Page - ams AG TCS3471 Datasheet HTML 13Page - ams AG TCS3471 Datasheet HTML 14Page - ams AG TCS3471 Datasheet HTML 15Page - ams AG TCS3471 Datasheet HTML 16Page - ams AG TCS3471 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
ams Datasheet
Page 13
[v1-01] 2018-Mar-27
Document Feedback
TCS3471 − Principles Of Operation
System State Machine
The TCS3471 provides control of RGBC and power management
functionality through an internal state machine (Figure 17).
After a power-on-reset, the device is in the sleep mode. As soon
as the PON bit is set, the device will move to the start state. It
will then continue through the Wait and RGBC states. If these
states are enabled, the device will execute each function. If the
PON bit is set to 0, the state machine will continue until all
conversions are completed and then go into a low power sleep
mode.
Figure 17:
Simplified State Diagram
Note(s): In this document, the nomenclature uses the bit field
name in italics followed by the register number and bit number
to allow the user to easily identify the register and bit that
controls the function. For example, the power on (PON) is in
register 0, bit 0. This is represented as PON (r0:b0).
Principles Of Operation
Sleep
Start
RGBC
Wait
PON = 1 (r 0:b0)
PON = 0 (r 0:b0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com