Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD1760JL Datasheet(PDF) 2 Page - STMicroelectronics

Part # HD1760JL
Description  High Voltage NPN Power Transistor for High Definition and New Super-Slim CRT Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HD1760JL Datasheet(HTML) 2 Page - STMicroelectronics

  HD1760JL Datasheet HTML 1Page - STMicroelectronics HD1760JL Datasheet HTML 2Page - STMicroelectronics HD1760JL Datasheet HTML 3Page - STMicroelectronics HD1760JL Datasheet HTML 4Page - STMicroelectronics HD1760JL Datasheet HTML 5Page - STMicroelectronics HD1760JL Datasheet HTML 6Page - STMicroelectronics HD1760JL Datasheet HTML 7Page - STMicroelectronics HD1760JL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1 Electrical ratings
HD1760JL
2/8
1
Electrical ratings
Table 1.
Absolute Maximum Rating
Table 2.
Thermal Data
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
1700
V
VCEO
Collector-Emitter Voltage (IB = 0)
800
V
VEBO
Emitte-Base Voltage (IC = 0)
10
V
IC
Collector Current
36
A
ICM
Collector Peak Current (tP < 5ms)
54
A
IB
Base Current
18
A
IBM
Base Peak Current (tP < 5ms)
27
A
PTOT
Total dissipation at Tc = 25°C
200
W
TSTG
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Symbol
Parameter
Value
Unit
RthJC
Thermal Resistance Junction-Case____________________Max
0.625
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com