Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD1760JL Datasheet(PDF) 3 Page - STMicroelectronics

Part # HD1760JL
Description  High Voltage NPN Power Transistor for High Definition and New Super-Slim CRT Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HD1760JL Datasheet(HTML) 3 Page - STMicroelectronics

  HD1760JL Datasheet HTML 1Page - STMicroelectronics HD1760JL Datasheet HTML 2Page - STMicroelectronics HD1760JL Datasheet HTML 3Page - STMicroelectronics HD1760JL Datasheet HTML 4Page - STMicroelectronics HD1760JL Datasheet HTML 5Page - STMicroelectronics HD1760JL Datasheet HTML 6Page - STMicroelectronics HD1760JL Datasheet HTML 7Page - STMicroelectronics HD1760JL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD1760JL
2 Electrical Characteristics
3/8
2
Electrical Characteristics
(TCASE = 25°C; unless otherwise specified)
Table 3.
Electrical Characteristics
Note: 1 Pulsed duration = 300
μs, duty cycle ≤1.5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = 1700V
VCE = 1700V___
_TC = 125°C
0.2
2
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5V
10
μA
VCEO(sus)
Note: 1
Collector-Emitter
Sustaining Voltage (IB = 0)
IC = 10mA
800
V
VEBO
Emitter-Base Voltage (IC = 0)
IE = 10mA
10
V
VCE(sat)
Note: 1
Collector-Emitter Saturation
Voltage
IC = 18A _____
IB = 4.5A
2V
VBE(sat)
Note: 1
Base-Emitter Saturation Voltage
IC = 18A _____
IB = 4.5A
1.5
V
hFE
DC Current Gain
IC = 2A _____ VCE = 5V
IC = 18A ____ VCE = 5V
5
30
8.5
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 12A ____ _ __
fh = 32 KHz
IB(on) = 1A ___ _
_IB(off) = -6.9A
VCE(fly) = 1340V __VBE(off) = -2.7V
LBB(on) = 0.8μH
2.6
300
μs
ns
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 8A
____ _ __ fh = 100kHz
IB(on) = 1.3A ___ _ _IB(off) = -5.8A
VCE(fly) = 1300V __VBE(off) = -2.7V
LBB(on) = 0.25μH
2
110
μs
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com