Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9219C Datasheet(PDF) 51 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 51 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 47Page - ESS Technology,Inc ES9219C Datasheet HTML 48Page - ESS Technology,Inc ES9219C Datasheet HTML 49Page - ESS Technology,Inc ES9219C Datasheet HTML 50Page - ESS Technology,Inc ES9219C Datasheet HTML 51Page - ESS Technology,Inc ES9219C Datasheet HTML 52Page - ESS Technology,Inc ES9219C Datasheet HTML 53Page - ESS Technology,Inc ES9219C Datasheet HTML 54Page - ESS Technology,Inc ES9219C Datasheet HTML 55Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
ES9219 Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
February 27, 2020
51
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Read-Only Registers
Register 64: CHIP STATUS
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:2]
[1]
[0]
Mnemonic
CHIP_ID
AUTOMUTE _STATUS
LOCK_STATUS
Bits
Mnemonic
Description
[7:2]
CHIP_ID
6’b100011: ES9219
[1]
AUTOMUTE _STATUS
Indicator for when automute has become active.
1’b0: automute condition is inactive
1’b1: automute condition has been flagged and is active
[0]
LOCK_STATUS
Indicator for when DPLL is locked (when in slave mode) or 1’b1 when the ES9219 is the master.
1’b0: DPLL is not locked to the incoming audio sample rate (which could mean that no audio input is
present, the lock has not completed, or the ES9219 is unable to lock due to clock jitter or drift)
1’b1: DPLL is locked to the incoming audio sample rate, or the ES9219 is in master or 128*fs mode
Register 65: GPIO Readback
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5]
[4]
[3:2]
[1]
[0]
Mnemonic
ocbr_pos
ocbl_pos
ocbr_neg
obcl_neg
clk_gear_rb
gpio2
gpio1
Bits
Mnemonic
Description
[7]
ocbr_pos
Indicates instantaneous positive overcurrent condition on the right channel.
1’b0 No positive overcurrent condition (default)
1’b1 Positive overcurrent condition at the amplifier output
[6]
ocbl_pos
Indicates instantaneous positive overcurrent condition on the left channel.
1’b0 No positive overcurrent condition (default)
1’b1 Positive overcurrent condition at the amplifier output
[5]
ocbr_neg
Indicates instantaneous negative overcurrent condition on the right channel
1’b0 No negative overcurrent condition (default)
1’b1 Negative overcurrent condition at the amplifier output
[4]
obcl_neg
Indicates instantaneous negative overcurrent condition on the right channel
1’b0 No negative overcurrent condition (default)
1’b1 Negative overcurrent condition at the amplifier output
[3:2]
clk_gear_rb
Clock gear readback. This register will reflect changes from both manual and automatic clock gearing
2’b00: indicates CLK = XI(MCLK) (default)
2’b01: indicates CLK = XI(MCLK) / 2
2’b10: indicates CLK = XI(MCLK) / 4
2’b11: indicates CLK = XI(MCLK) / 8
[1]
gpio2
Contains the state of the GPIO2 pin
[0]
gpio1
Contains the state of the GPIO1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com