Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9219C Datasheet(PDF) 56 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 56 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 52Page - ESS Technology,Inc ES9219C Datasheet HTML 53Page - ESS Technology,Inc ES9219C Datasheet HTML 54Page - ESS Technology,Inc ES9219C Datasheet HTML 55Page - ESS Technology,Inc ES9219C Datasheet HTML 56Page - ESS Technology,Inc ES9219C Datasheet HTML 57Page - ESS Technology,Inc ES9219C Datasheet HTML 58Page - ESS Technology,Inc ES9219C Datasheet HTML 59Page - ESS Technology,Inc ES9219C Datasheet HTML 60Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
56
Register 136: DRE CONFIG
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemo
nic
DRE_FOR
CE2
DRE_FOR
CE1
DRE_ENABLE_PEAK_
FILTER
DRE_VOLUME_
CTRL
DRE_ATR_DI
SABLE
RESERVE
D
RESERV
ED
ENABLE_
DRE
Bits
Mnemonic
Description
[7]
DRE_FORCE2
Force Channel 2 into DRE mode even if zero cross has not occurred.
1’b1: Enable
1’b0: Disable
[6]
DRE_FORCE1
Force Channel 1 into DRE mode even if zero cross has not occurred.
1’b1: Enable
1’b0: Disable
[5]
DRE_ENABLE_PEAK_FILTER
Low Pass filter the input to the DRE peak detector, for use with DSD inputs.
1’b1: Enable
1’b0: Disable
[4]
DRE_VOLUME_CTRL
When enabled, the analog volume control and digital gain will be adjusted to optimize
output performance in DRE mode.
1’b0: The analog volume control will not be affected by the DRE (default).
1’b1: The analog volume control will be set to its minimum value when the DRE mode is
engaged. A digital gain will be applied in this mode of operation to ensure the total gain
of the DAC is nominal at 0dB.
[3]
DRE_ATR_DISABLE
1’b0: Analog THD removal (ATR) will not be disabled by the DRE block (default).
1’b1: Disable analog THD removal (ATR) when DRE is engaged.
[2]
RESERVED
NA
[1]
RESERVED
NA
[0]
ENABLE_DRE
Selects whether the DRE module is enabled.
1’b0: DRE module is disabled and DRE mode will never be engaged (default).
1’b1: DRE module is enabled and DRE mode will be engaged if the stored value in the
peak detector falls below the specified DRE threshold.
Register 137-138: DRE GAIN CH1
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:0]
Mnemonic
DRE_GAIN1
Bits
Mnemonic
Description
[15:0]
DRE_GAIN1
Sets the DRE gain for channel 1.
Shifting right 1 bit corresponds to -6dB
Valid from 16’h7FFF (30dB) to 16’h03FF (0dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com