Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF08-VID01C2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF08-VID01C2
Description  8 line low capacitance EMI filter and ESD protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF08-VID01C2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF08-VID01C2 Datasheet HTML 1Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 2Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 3Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 4Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 5Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EMIF08-VID01C2
1 Electrical characteristics (Tamb = 25°C)
3/6
Figure 2.
S21 (dB) attenuation measurement
Figure 3.
Analog crosstalk measurement
Figure 4.
ESD response to IEC61000-4-2
(+15 kV air discharge) on one
input Vin and one output Vout
Figure 5.
ESD response to IEC61000-4-2
(- 15 kV air discharge) on one
input Vin and one output Vout
Figure 6.
Line capacitance versus applied
voltage
100k
1M
10M
100M
1G
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
100k
1M
10M
100M
1G
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
dB
f (Hz)
100k
1M
10M
100M
1G
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100k
1M
10M
100M
1G
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100k
1M
10M
100M
1G
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100k
1M
10M
100M
1G
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
f (Hz)
dB
Input
10V/d
Output
10V/d
200ns/d
Input
10V/d
Output
10V/d
200ns/d
200ns/d
Output
10V/d
Output
10V/d
Input
10V/d
Input
10V/d
10
12
14
16
18
20
22
24
26
28
0
1
2
345
V
(V)
LINE
C
(pF)
LINE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com