Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF08-VID01C2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF08-VID01C2
Description  8 line low capacitance EMI filter and ESD protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF08-VID01C2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF08-VID01C2 Datasheet HTML 1Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 2Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 3Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 4Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 5Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2 Ordering information scheme
EMIF08-VID01C2
4/6
2
Ordering information scheme
3
Package mechanical data flip chip
Figure 7.
Marking
Figure 8.
Foot print receommendation
EMI Filter
Number of lines
X: resistance (Ohms)
Z: capacitance value / 10 pF
or
Application (3 letters) and
Version (2 digits)
C: Coated flip chip
1: Pitch = 500 µm, Bump = 315 µm
2: Lead free Pitch = 500 µm, Bump = 315 µm
EMIF
vv
-
xxx zz
C
y
695µm +/- 70
3.92 mm +/-50µm
500µm +/-50
315 µm +/- 50
250µm +/-50
695µm +/- 70
695µm +/- 70
3.92 mm +/-50µm
500µm +/-50
315 µm +/- 50
250µm +/-50
3.92 mm +/-50µm
500µm +/-50
500µm +/-50
315 µm +/- 50
250µm +/-50
®
xx z
y ww
E
®
xx z
y ww
®
240
365
xx z
y ww
E
Dot, ST Logo
xx = marking
z = packaging
location
yww = date code
Dimensions in
Copper pad Diameter :
250µm recommended , 300µm max
Solder stencil opening : 330µm
Solder mask opening recommendation :
340µm min for 300µm copper pad diameter
Copper pad Diameter :
250µm recommended , 300µm max
Solder stencil opening : 330µm
Solder mask opening recommendation :
340µm min for 300µm copper pad diameter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com