Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R14 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R14
Description  A/D Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R14 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R14 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
HT46R14
Rev. 1.00
21
November 1, 2005
Input/Output Ports
There are 20 bidirectional input/output lines in the
microcontroller, labeled as PA, PB, PC, which are mapped
to the data memory of [12H], [14H] and [16H] respectively.
All of these I/O ports can be used for input and output op-
erations. For input operation, these ports are
non-latching, that is, the inputs must be ready at the T2
rising edge of instruction
²MOV A,[m]² (m=12H, 14H or
16H). For output operation, all the data is latched and re-
mains unchanged until the output latch is rewritten.
Each I/O line has its own control register (PAC, PBC,
PCC) to control the input/output configuration. With this
control register, CMOS output or Schmitt trigger input with
or without pull-high resistor structures can be reconfig-
ured dynamically under software control. To function as an
input, the corresponding latch of the control register must
write
²1². The input source also depends on the control
register. If the control register bit is
²1², the input will read
the pad state. If the control register bit is
²0², the contents
of the latches will move to the internal bus. The latter is
possible in the
²read-modify-write² instruction.
For output function, CMOS is the only configuration.
These control registers are mapped to locations 13H, 15H
and 17H.
After a chip reset, these input/output lines remain at high
levels or floating state (depending on pull-high options).
Each bit of these input/output latches can be set or
cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H or
16H) instructions.
Some instructions first input data and then follow the out-
put operations. For example,
²SET [m].i², ²CLR [m].i²,
²CPL [m]², ²CPLA [m]² read the entire port states into the
CPU, execute the defined operations (bit-operation), and
then write the results back to the latches or the accumula-
tor.
Each line of port A has the capability of waking-up the de-
vice. Each I/O port has a pull-high option. Once the
pull-high option is selected, the I/O port has a pull-high re-
sistor, otherwise, there
¢s none. Take note that a
non-pull-high I/O port operating in input mode will cause a
floating state.
The PA0, PA3, PA4, PA5, PA6 and PA7 are pin-shared
with PPG1, PFD, TMR0, INT0, INT1 and TMR1 pins re-
spectively. And the PC0, PC1, PC2 and PC3 are
pin-shared with C0VIN1-, C0VIN+, C0OUT, C1OUT.
The PA3 is pin-shared with the PFD signal. If the PFD op-
tion is selected, the output signal in output mode of PA3
will be the PFD signal generated by the timer/event coun-
ter overflow signal. The input mode always remain in its
original functions. Once the PFD option is selected, the
PFD output signal is controlled by PA3 data register only.
Writing a
²1² to PA3 data register will enable the PFD out-
put function and writing
²0² will force the PA3 to remain at
²0².
V D D
M
U
X
M
U
X
E N
( P F D )
O P 0 ~ O P 7
I N T 0 f o r P A 5 O n l y
I N T 1 f o r P A 6 O n l y
T M R 0 f o r P A 4 O n l y
T M R 1 f o r P A 7 O n l y
S y s t e m W a k e - u p ( P A o n l y )
R e a d D a t a R e g i s t e r
D
Q
C K
S
D
Q
C K
Q
S
C o n t r o l B i t
P U
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P A 0 / P P G 1
P A 1 , P A 2
P A 3 / P F D
P A 4 / T M R 0
P A 5 / I N T 0
P A 6 / I N T 1
P A 7 / T M R 1
P B 0 / A N 0 ~ P B 7 / A N 7
P C 0 / C 1 V I N -
P C 1 / C 1 V I N +
P C 2 / C 1 O U T
P C 3 / C 2 O U T
Q
( P A 0 ) P A 3
( P P G 1 ) P F D
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com