Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-MS, Datasheet(PDF) 3 Page - STMicroelectronics

Part # BLUENRG-MS,
Description  SensorTile development kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS, Datasheet(HTML) 3 Page - STMicroelectronics

  BLUENRG-MS, Datasheet HTML 1Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 2Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 3Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 4Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 5Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 6Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
Boards included in the kit
Figure 2. STLCS01V1 board photo
STLCS01V1 SensorTile component board features
•
Very compact module for motion, audio, environmental sensing and Bluetooth® low energy connectivity with
a complete set of firmware examples
•
Mobile connectivity via the STBLESensor app, available for iOS™ and Android™
•
Main components:
–
STM32L476JG – 32-bit ultra-low-power MCU with Cortex®M4F
–
LSM6DSM – iNEMO inertial module: 3D accelerometer and 3D gyroscope
–
LSM303AGR – Ultra-compact high-performance eCompass module: ultra-low power 3D accelerometer
and 3D magnetometer
–
LPS22HB – MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
–
MP34DT05-A – 64 dB SNR digital MEMS microphone
–
BlueNRG-MS – Bluetooth low energy network processor
–
BALF-NRG-02D3 – 50 Ω balun with integrated harmonics filter
–
LD39115J18R – 150 mA low quiescent current low noise LDO 1.8 V
•
2 V - 5.5 V power supply range
•
External interfaces: UART, SPI, SAI (serial audio interface), I²C, DFSDM, USB OTG, ADC, GPIOs
•
Pluggable or solderable interface
•
SWD interface for debugging and programming capability
•
CE certified
•
RoHS and China RoHS compliant
•
WEEE compliant
•
FCC certified
•
IC certified
•
TYPE certified
STLCS01V1 SensorTile component board description
The STEVAL-STLCS01V1 (SensorTile) is a highly integrated reference design that can be plugged into form-
factor prototypes to add sensing and connectivity capabilities to new designs through a smart hub solution. It can
STEVAL-STLKT01V1
Boards included in the kit
DB2956 - Rev 8
page 3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com