Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-MS, Datasheet(PDF) 4 Page - STMicroelectronics

Part # BLUENRG-MS,
Description  SensorTile development kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MS, Datasheet(HTML) 4 Page - STMicroelectronics

  BLUENRG-MS, Datasheet HTML 1Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 2Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 3Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 4Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 5Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 6Page - STMicroelectronics BLUENRG-MS, Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
also easily support development of monitoring and tracking applications as standalone sensor node connected to
iOS/Android smartphone applications.
The SensorTile comes in a very small square shape 13.5 x 13.5 mm. All the electronic components are on the top
side of the pcb, while the bottom side has a small connector through which it is possible to easily plug and unplug
it from a motherboard. The connector pinout is also replicated on 18 pcb pads that render the SensorTile a
solderable system on module as well.
The module comes with pre-loaded FP-SNS-ALLMEMS1 (former BLUEMICROSYSTEM2) software that initializes
all the sensors and the Bluetooth low energy radio. The STBLESensor app, available free of charge on the
respective Google and Apple stores, is the easiest and fastest way to start using the SensorTile board and to
experience a real activity monitoring system.
The SensorTile firmware package STSW-STLKT01, built on the STM32Cube software technology, includes all the
low level drivers to manage the on-board devices and system-level interfaces. It has been designed in order to be
easily extended and personalized as starting point for development and customization of new dedicated
applications.
All the firmware packages are freely available on www.st.com.
The Bluetooth radio power output is set by default at 0 dBm. The FCC and IC certifications refer to this operating
value. The power output can be changed up to 8 dBm by reprogramming the device firmware, but the change of
this operating value will require an update of the FCC and IC certifications, with additional radio emission tests to
be performed.
Figure 3. STLCR01V1 board photo
STLCR01V1 SensorTile component board features
•
Sensortile Cradle board with SensorTile footprint (solderable)
•
STBC08PMR – 800 mA standalone linear Li-Ion battery charger
•
HTS221 – capacitive digital sensor for relative humidity and temperature
•
LDK120M-R – 200 mA low quiescent current very low noise LDO
•
STC3115 – Gas gauge IC
•
USBLC6-2P6 – very low capacitance ESD protection
•
USB type A to Mini-B USB connector for power supply and communication
•
microSD card socket
•
SWD connector for programming and debugging
STEVAL-STLKT01V1
Boards included in the kit
DB2956 - Rev 8
page 4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com