Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G070CB Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32G070CB
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G070CB Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32G070CB Datasheet HTML 43Page - STMicroelectronics STM32G070CB Datasheet HTML 44Page - STMicroelectronics STM32G070CB Datasheet HTML 45Page - STMicroelectronics STM32G070CB Datasheet HTML 46Page - STMicroelectronics STM32G070CB Datasheet HTML 47Page - STMicroelectronics STM32G070CB Datasheet HTML 48Page - STMicroelectronics STM32G070CB Datasheet HTML 49Page - STMicroelectronics STM32G070CB Datasheet HTML 50Page - STMicroelectronics STM32G070CB Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
DS12766 Rev 2
47/93
STM32G070CB/KB/RB
Electrical characteristics
80
Table 25. Current consumption in Sleep and Low-power sleep modes
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
Voltage
scaling
fHCLK
25°C 85°C 25°C 85°C
IDD(Sleep)
Supply
current in
Sleep mode
Flash memory enabled;
fHCLK = fHSE bypass
(≤16 MHz; PLL disabled),
fHCLK = fPLLRCLK
(>16 MHz; PLL enabled);
All peripherals disabled
Range 1
64 MHz
2.0
2.1
2.2
2.5
mA
56 MHz
1.8
1.9
2.0
2.3
48 MHz
1.5
1.7
1.9
2.0
32 MHz
1.1
1.2
1.4
1.6
24 MHz
0.9
1.0
1.2
1.3
16 MHz
0.6
0.7
0.7
0.8
Range 2
16 MHz
0.4
0.6
0.6
0.7
8 MHz
0.3
0.3
0.4
0.6
2 MHz
0.1
0.2
0.2
0.5
IDD(LPSleep)
Supply
current in
Low-power
sleep mode
Flash memory disabled;
PLL disabled;
fHCLK = fHSE bypass (> 32 kHz),
fHCLK = fLSE bypass (= 32 kHz);
All peripherals disabled
2 MHz
65
108
180
432
µA
1 MHz
36
83
156
396
500 kHz
27
70
150
300
125 kHz
17
61
132
282
32 kHz
15
58
132
270
1. Based on characterization results, not tested in production.
Table 26. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD
25 °C
85 °C
25 °C
85 °C
IDD(Stop 0)
Supply current
in Stop 0
mode
2.4 V
110
160
150
264
µA
3 V
110
160
150
288
3.6 V
116
165
156
300
1. Based on characterization results, not tested in production.
Table 27. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions(1)
Typ
Max(2)
Unit
RTC
VDD
25 °C
85 °C
25 °C
85 °C
IDD(Stop 1)
Supply current
in Stop 1 mode
Disabled
2.4 V
3.6
35
12
144
µA
3 V
3.7
36
18
162
3.6 V
4.2
36
22
168
Enabled
(clocked by
LSE bypass)
2.4 V
4.1
35
13
144
3 V
4.4
36
19
168
3.6 V
4.8
37
24
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com