Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G070CB Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32G070CB
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G070CB Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32G070CB Datasheet HTML 58Page - STMicroelectronics STM32G070CB Datasheet HTML 59Page - STMicroelectronics STM32G070CB Datasheet HTML 60Page - STMicroelectronics STM32G070CB Datasheet HTML 61Page - STMicroelectronics STM32G070CB Datasheet HTML 62Page - STMicroelectronics STM32G070CB Datasheet HTML 63Page - STMicroelectronics STM32G070CB Datasheet HTML 64Page - STMicroelectronics STM32G070CB Datasheet HTML 65Page - STMicroelectronics STM32G070CB Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
Electrical characteristics
STM32G070CB/KB/RB
62/93
DS12766 Rev 2
5.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 47 are derived from tests
performed under the conditions summarized in Table 20: General operating conditions. All
I/Os are designed as CMOS- and TTL-compliant.
Table 47. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(1)
I/O input low level
voltage
All
except
FT_c
VDD(min) < VDDIO1 < 3.6 V
-
-
0.3 x VDDIO1
(2)
V
0.39 x VDDIO1
- 0.06 (3)
FT_c
VDDIO1 < 2.7 V
-
-
0.3 x VDDIO1
VDD(min) < VDDIO1 < 2.7 V
-
-
0.25 x VDDIO1
VIH(1)
I/O input high level
voltage
All
except
FT_c
VDD(min) < VDDIO1 < 3.6 V
0.7 x VDDIO1(
2)
--
V
0.49 x VDDIO1
+ 0.26(3)
--
FT_c
VDD(min) < VDDIO1 < 3.6 V 0.7 x VDDIO1
-5
Vhys(3) I/O input hysteresis
TT_xx,
FT_xx,
NRST
VDD(min) < VDDIO1 < 3.6 V
-
200
-
mV
Ilkg
Input leakage
current(3)
FT_xx
except
FT_c
and
FT_d
0 < VIN ≤ VDDIO1
--
±70
nA
VDDIO1 ≤ VIN ≤ VDDIO1+1 V
-
-
600(4)
VDDIO1 +1 V < VIN ≤
5.5 V(3)
-
-
150(4)
FT_c
0 < VIN ≤ VDDIO1
-
-
2000
VDDIO1 < VIN ≤ 5 V
-
-
3000(4)
FT_d
0 < VIN ≤ VDDIO1
-
-
4500
VDDIO1 < VIN ≤ 5.5 V
-
-
9000(4)
TT_a
0 < VIN ≤ VDDIO1
--
±150
VDDIO1 < VIN ≤
VDDIO1 + 0.3 V
-
-
2000(4)
RPU
Weak pull-up
equivalent resistor
(5)
VIN = VSS
25
40
55
kΩ
RPD
Weak pull-down
equivalent resistor(5)
VIN = VDDIO1
25
40
55
kΩ
CIO
I/O pin capacitance
-
-
5
-
pF
1. Refer to Figure 15: I/O input characteristics.
2. Tested in production.
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com