Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS75R12KE3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # FS75R12KE3
Description  IGBT-Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12KE3 Datasheet(HTML) 5 Page - Infineon Technologies AG

  FS75R12KE3 Datasheet HTML 1Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 2Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 3Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 4Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 5Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 6Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 7Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 8Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Technische Information / technical information
FS75R12KE3
IGBT-Module
IGBT-Modules
Übertragungscharakteristik (typisch)
transfer characteristic (typical)
IC= f(VGE)
VCE= 20V
Durchlasskennlinie der Inversdiode (typisch)
IF= f(VF)
forward caracteristic of inverse diode (typical)
0
25
50
75
100
125
150
456789
10
11
12
VGE [V]
Tvj=25°C
Tvj=125°C
0
25
50
75
100
125
150
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
VF [V]
Tvj = 25°C
Tvj = 125°C
5 (8)
DB_FS75R12KE3_3.0 .xls
2002-09-03



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com