Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS75R12KE3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FS75R12KE3
Description  IGBT-Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12KE3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FS75R12KE3 Datasheet HTML 1Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 2Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 3Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 4Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 5Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 6Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 7Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 8Page - Infineon Technologies AG FS75R12KE3 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IC, nom
75
A
IC
105
A
min.
typ.
max.
-
1,7
2,15
V
-
2,0
-
V
mA
VCE= 1200V, VGE= 0V, Tvj= 25°C
Gateladung
VGE= -15V...+15V
QG
-
gate charge
nF
-
0,2
collector emitter cut off current
ICES
Rückwirkungskapazität
reverse transfer capacitance
f= 1MHz, Tvj= 25°C, VCE= 25V, VGE= 0V
Kollektor Emitter Reststrom
Cres
Eingangskapazität
input capacitance
f= 1MHz, Tvj= 25°C, VCE= 25V, VGE= 0V
prepared by: MOD-D2; M. Münzer
VGES
revision: 3.0
2,5
5,0
5,8
Transistor Wechselrichter / transistor inverter
date of publication: 2002-09-03
Kollektor Emitter Sättigungsspannung
IC= 75A, VGE= 15V, Tvj= 25°C
collector emitter saturation voltage
A
Isolations Prüfspannung
insulation test voltage
RMS, f= 50Hz, t= 1min:
VISOL
ICRM
Ptot
350
repetitive peak forward current
kV
VR= 0V, tp= 10ms, Tvj= 125°C
Technische Information / technical information
FS75R12KE3
IGBT-Module
IGBT-Modules
VCES
Periodischer Spitzenstrom
Gesamt Verlustleistung
total power dissipation
Gate Emitter Spitzenspannung
VCEsat
Charakteristische Werte / characteristic values
approved: SM TM; Robert Severin
IC= 75A, VGE= 15V, Tvj= 125°C
Gate Schwellenspannung
IC= 3,0mA, VCE= VGE, Tvj= 25°C
gate threshold voltage
1200
V
Elektrische Eigenschaften / electrical properties
Höchstzulässige Werte / maximum rated values
Kollektor Emitter Sperrspannung
Tc= 80°C
Kollektor Dauergleichstrom
collector emitter voltage
Tvj= 25°C
Tc= 25°C
DC collector current
W
V
gate emitter peak voltage
150
Dauergleichstrom
IF
75
Tc= 25°C; Transistor
repetitive peak collector current
tp= 1ms, Tc= 80°C
Periodischer Kollektor Spitzenstrom
A
DC forward current
+20
1200
A²s
tp= 1ms
IFRM
150
A
Grenzlastintegral
V
nF
5,3
-
0,7
-
µC
IGES
-
400
6,5
-
-
-
5
-
-
I²t value
I²t
VGE(th)
Cies
nA
gate emitter leakage current
Gate Emitter Reststrom
VCE= 0V, VGE= 20V, Tvj= 25°C
1 (8)
DB_FS75R12KE3_3.0 .xls
2002-09-03


Similar Part No. - FS75R12KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS75R12KE3G EUPEC-FS75R12KE3G Datasheet
159Kb / 8P
IGBT-Modules
FS75R12KE3G EUPEC-FS75R12KE3G Datasheet
352Kb / 8P
IGBT-modules
logo
Infineon Technologies A...
FS75R12KE3G INFINEON-FS75R12KE3G Datasheet
461Kb / 8P
IGBT-Module
2013-10-02 revision:3.1
FS75R12KE3GBOSA1 INFINEON-FS75R12KE3GBOSA1 Datasheet
461Kb / 8P
IGBT-Module
2013-10-02 revision:3.1
logo
eupec GmbH
FS75R12KE3G EUPEC-FS75R12KE3G_03 Datasheet
352Kb / 8P
IGBT-modules
More results

Similar Description - FS75R12KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
IGBT-Module / IGBT-inverter
logo
Fuji Electric
2MBI200U2A-060 FUJI-2MBI200U2A-060 Datasheet
748Kb / 13P
IGBT module
logo
eupec GmbH
FZ600R65KF1 EUPEC-FZ600R65KF1 Datasheet
179Kb / 10P
IGBT-Module
FS100R12KT3 EUPEC-FS100R12KT3 Datasheet
308Kb / 8P
IGBT-Module
logo
Fairchild Semiconductor
SM2G50US60 FAIRCHILD-SM2G50US60 Datasheet
455Kb / 10P
IGBT MODULE
logo
Semikron International
SK9GD063 SEMIKRON-SK9GD063 Datasheet
131Kb / 2P
IGBT Module
SK30GB067 SEMIKRON-SK30GB067_06 Datasheet
320Kb / 2P
IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com