Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT85 Datasheet(PDF) 11 Page - Sensirion AG Switzerland

Part # SHT85
Description  Humidity and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT85 Datasheet(HTML) 11 Page - Sensirion AG Switzerland

Back Button SHT85 Datasheet HTML 7Page - Sensirion AG Switzerland SHT85 Datasheet HTML 8Page - Sensirion AG Switzerland SHT85 Datasheet HTML 9Page - Sensirion AG Switzerland SHT85 Datasheet HTML 10Page - Sensirion AG Switzerland SHT85 Datasheet HTML 11Page - Sensirion AG Switzerland SHT85 Datasheet HTML 12Page - Sensirion AG Switzerland SHT85 Datasheet HTML 13Page - Sensirion AG Switzerland SHT85 Datasheet HTML 14Page - Sensirion AG Switzerland SHT85 Datasheet HTML 15Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.sensirion.com
Version 3 – August 2020
11/23
4.6 Measurement Commands for Periodic Data Acquisition Mode
In this mode one issued measurement command yields a stream of data pairs. Each data pair consists of one 16-bit
temperature and one 16-bit humidity value (in this order).
In periodic mode different measurement commands can be selected. The corresponding 16-bit commands are shown in
Table 9. They differ with respect to repeatability (low, medium and high) and data acquisition frequency (0.5, 1, 2, 4 &
10 measurements per second, mps).
The data acquisition frequency and the repeatability setting influences the measurement duration and the current
consumption of the sensor. This is explained in Section 2 of this datasheet.
If a measurement command is issued, while the sensor is busy with a measurement (measurement durations see Table
4), it is recommended to issue a break command first (see Section 4.9). Upon reception of the break command the
sensor will abort the ongoing measurement and enter the single shot mode.
Condition
Hex. code
Repeatability
mps
MSB
LSB
High
0.5
0x20
32
Medium
24
Low
2F
High
1
0x21
30
Medium
26
Low
2D
High
2
0x22
36
Medium
20
Low
2B
High
4
0x23
34
Medium
22
Low
29
High
10
0x27
37
Medium
21
Low
2A
e.g. 0x2130: 1 high repeatability mps - measurement per second
Table 9: Measurement commands for periodic data acquisition mode
(Clear blocks are controlled by the microcontroller, grey blocks by the
sensor). N.B.: At the highest mps setting self-heating of the sensor
might occur.
4.7 Readout of Measurement Results for Periodic Mode
Transmission of the measurement data can be initiated through the fetch data command shown in Table 10. If no
measurement data is present the I2C read header is responded with a NACK (Bit 9 in Table 10) and the communication
stops. After the read out command fetch data has been issued, the data memory is cleared, i.e. no measurement data
is present.
S
W
I2C Address
1
2
3
4
5
6
7
8
9
Command MSB
1
2
3
4
5
6
7
8
9
Command LSB
10 11 12 13 14 15 16 17 18
16-bit command
I2C write header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com