Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF52832-QFAA-R Datasheet(PDF) 1 Page - Nordic Semiconductor

Part # NRF52832-QFAA-R
Description  Multiprotocol Bluetooth low energy (Bluetooth 5), ANT/ANT and 2.4GHz proprietary System-on-Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52832-QFAA-R Datasheet(HTML) 1 Page - Nordic Semiconductor

  NRF52832-QFAA-R Datasheet HTML 1Page - Nordic Semiconductor NRF52832-QFAA-R Datasheet HTML 2Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
nRF52832 Product Brief Version 1.7
KEY FEATURES
• Bluetooth 5 - 2Mbs mode
• 32-bit ARM Cortex M4F processor
• 512kB flash + 64kB RAM
• Software stacks available as downloads
• Application development independent from protocol stack
• Supports 1Mbit and 2Mbit Bluetooth low energy modes
• On-air compatible with nRF51, nRF24AP and nRF24L Series
• Sensitivity of -96 dbm for Bluetooth low energy
• Programmable output power from +4dBm to -20dBm
• RSSI
• RAM mapped FIFOs using EasyDMA
• Dynamic on air payload length up to 256 Bytes
• Flexible and configurable 32 pin GPIO
• Programmable Peripheral Interface – PPI
• Simple ON/OFF global power modes
• Full set of digital interfaces including: SPI/2-wire/UART/PDM/
I2S, all with EasyDMA
• 12-bit/200KSPS ADC
• 128-bit AES ECB/CCM/AAR co-processor
• Quadrature demodulator
• Low cost external crystal 32MHz ± 40ppm for Bluetooth,
± 50ppm for ANT
• Single-ended antenna output (On-chip Balun)
• Low power 32MHz crystal and RC oscillators
• Ultra low-power 32kHz crystal and RC oscillators
• Wide supply voltage range (1.7 V to 3.6 V)
• On-chip DC/DC buck converter
• Individual power management for all peripherals
• Package options: 48-pin 6x6 QFN/WL-CSP
APPLICATIONS
• IoT
- Home automation
- Sensor networks
- Building automation
• Personal Area Networks
- Health/fitness sensor and monitor devices
- Medical devices
- Key-fobs + wrist watches
• Interactive entertainment devices
- Remote control
- Gaming controller
• Beacons
• A4WP wireless chargers and devices
• Remote control toys
• Computer peripherals and I/O devices
- Mouse + Keyboard
- Multi-touch trackpad
ULP wireless System-on-Chip
The nRF52832 is a powerful multiprotocol single chip solutions
for ULP wireless applications. It incorporates Nordic’s best-in-
class performance radio transceiver, an ARM® Cortex™ M4F CPU
and 512kB flash and 64kB RAM memory. The nRF52832 supports
Bluetooth® low energy (Bluetooth 5), ANTTM and 2.4GHz proprietary
protocol stacks. The device also has a NFC-A tag interface for
OOB pairing.
Lower power and higher performance
The nRF52832 uses the 32-bit ARM Cortex M4F MCU, together
with extensive flash availability, 512kB in total with 400kB
available for application development. Code density and execution
speed are considerably greater than for 8/16-bit platforms.
Having HW support for DSP instructions as well as for Floating
point operations positions the Cortex M4F above Cortex M0/M0+/
M3 and M4 performance wise. The Programmable Peripheral
Interconnect (PPI) system provides a 20-channel bus for direct
and autonomous system peripheral communication without CPU
intervention. This brings predictable latency times for peripheral
to peripheral interaction and power saving benefits associated
with leaving the CPU idle. The device has 2 global power modes
ON/OFF, but all system blocks and peripherals have individual
power management control which allows for an automatic
switching RUN/IDLE for system blocks based only on those
required/not required to achieve particular tasks.
The new radio is designed to support the Bluetooth 5 2Mbs
mode. This means the nRF52832 can be qualified for Bluetooth
5 applications. It supports Bluetooth low energy (Bluetooth 5),
ANT and proprietary 2.4GHz applications. It is on-air compatible
with nRF5x and nRF24x devices. Output power is programmable
between +4dBm and -20dBm and has receiver sensitivity of
-96dBm for Bluetooth low energy 1Mbs).
nRF52832
Multiprotocol Bluetooth low energy (Bluetooth 5), ANT/ANT+
and 2.4GHz proprietary System-on-Chip
512kB
Flash
Timers / Counters
Analog I/O
Digital I/O
System Peripherals
64kB
RAM
GPIO
Radio
Multi-
protocol
2.4GHz
Processor
64 MHz ARM
with cache
Cortex-M4F CPU
Power
supply
Oscillators
NFC-A
tag


Similar Part No. - NRF52832-QFAA-R

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NRF52832-QFAA-R NORDIC-NRF52832-QFAA-R Datasheet
4Mb / 553P
nRF52832 Product Specification v1.4
2017-10-10
More results

Similar Description - NRF52832-QFAA-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
logo
List of Unclassifed Man...
NRF51822 ETC1-NRF51822 Datasheet
256Kb / 2P
Multi-protocol Bluetooth Low Energy and 2.4GHz proprietary system-on-chip
logo
Texas Instruments
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
logo
STMicroelectronics
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
logo
Texas Instruments
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
logo
Nordic Semiconductor
NRF52840 NORDIC-NRF52840 Datasheet
318Kb / 2P
High-end multiprotocol Bluetooth Low Energy (LE) SoC supporting: Bluetooth 5.3/Bluetooth mesh/Thread/ Zigbee/802.15.4/ANT
Version 3.0
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com