Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF52832-QFAA-R Datasheet(PDF) 2 Page - Nordic Semiconductor

Part # NRF52832-QFAA-R
Description  Multiprotocol Bluetooth low energy (Bluetooth 5), ANT/ANT and 2.4GHz proprietary System-on-Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52832-QFAA-R Datasheet(HTML) 2 Page - Nordic Semiconductor

  NRF52832-QFAA-R Datasheet HTML 1Page - Nordic Semiconductor NRF52832-QFAA-R Datasheet HTML 2Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
nRF52832 Product Brief Version 1.7
SPECIFICATIONS
RELATED PRODUCTS
Frequency band
2.4GHz ISM ( 2.36000 – 2.4835GHz)
On-air data rate
1 Mbps and 2 Mbps for proprietary and
Bluetooth low energy modes (Bluetooth 5
compatible)
Modulation
GFSK
Output power
Programmable: +4 to -20dBm in 4dB steps
Sensitivity
-96dBm Bluetooth, -92.5dBm at 1Mbs ANT,
-89dBm at 2Mbs, -30dBm whisper mode
Radio current
consumption DC-DC
at 3V
7.5mA – TX at +4dBm output power,
5.3mA – TX at 0dBm output power,
5.4mA – RX at 1Mbs
Microcontroller
32-bit ARM Cortex M4F
Program Memory
512kB Flash with cache
RAM
64kB
Oscillators
32MHz crystal oscillator, 64MHz RC oscillator,
32kHz crystal oscillator, 32kHz RC oscillator
(±250 ppm)
System current
consumption
0.3μA – No RAM retention, 1.2uA – All peripherals
in IDLE mode, 1.6uA – All peripherals in IDLE
mode and 32KHz XO and RTC running, 30nA per
4KB - RAM retention
Hardware Security
128-bit AES ECB/CCM/AAR co-processor
GPIO
32 configurable
Digital I/O
3 x Hardware SPI master, 3 x Hardware SPI
slave, 2 x 2-wire master, 2 x 2-wire slave, UART,
Quadrature demodulator, 1x I2S, 1xPDM
Peripherals
12-bit/200KSPS ADC, RNG, Temperature sensor,
general compararator, low power comparator
PPI
20-channel
Voltage regulator
LDO (1.7 to 3.6V), Buck DC/DC (1.7 to 3.6V)
Timers/counters
5 x 32bit, 3 x 24bit RTC
Package options
RoHS compliant 48-pin 6x6 QFN / 3.0x3.2
Ultra-compact Wafer Level Chip Scale Package
(WLCSP)
nRF52 DK
Development kit for Bluetooth low energy, ANT
and 2.4GHz applications
The NFC module supports NFC-A tags with proximity detection
and Wake-on-field from low power mode. The NFC enables Out-
Of-Band Bluetooth pairing of devices and thus greatly simplifying
deployment.
Easy, fast and safe code development
The nRF52832 offers developers a clean separation between
application code development and embedded protocol stacks.
This means compile, link and run-time dependencies with the
embedded stack and associated de-bugging challenges are
removed. The Bluetooth low energy and ANT stack is a pre-
compiled binary available from Nordic Semiconductor, leaving
application code to be compiled stand-alone. The embedded stack
interface uses an asynchronous and event-driven model removing
the need for RTOS frameworks.
OTA DFU
The nRF52832 is supported by an Over-The-Air Device Firmware
Upgrade (OTA DFU) feature. This allows for in the field updates of
application software and SoftDevice.
Maximum re-use and easy migration
The nRF52832 have binary compatible peripherals with the nRF51
Series for most functions enabling easy migration between older
parts and the new nRF52 Series. The backwards compatibility of
most interfaces and the common SW architecture of the nRF51
Series S130 and the nRF52 Series S132 SoftDevices ensures that
existing codebase for the nRF51 Series can in very large parts be
re-used effortlessly on the nRF52 Series.
SoftDevices
The Nordic protocol stacks are known as SoftDevices and
complement the nRF52 Series SoCs. All nRF52 Series are
programmable with software stacks available from Nordic
Semiconductor. This brings maximum flexibility to application
development and allows the latest stack version to be programmed
into the nRF52 Series SoC.
Development tools
Nordic Semiconductor provides a complete range of hardware and
software development tools for the nRF52 Series devices.
Headquarters:
Trondheim, Norway
Tel: +47 72 89 89 00
For more information
Visit www.nordicsemi.com for the complete prod-
uct specification about this and any other wireless
ULP products.
About Nordic Semiconductor
Nordic Semiconductor is a fabless semiconductor
company specializing in ULP short-range wireless
communication. Nordic is a public company listed
on the Norwegian stock exchange.
WORLD WIDE
OFFICE LOCATIONS
nRF52832 compatible SoftDevices
S132
Bluetooth low energy concurrent central/
peripheral/ observer/broadcaster stack
S212*
ANT stack
S332*
Bluetooth low energy concurrent central/
peripheral/ observer/broadcaster /ANT stack
*ANT related SoftDevices (s212,s332) for the nRF52 series are now obtained from ANT Wireless. This applies to both ANT only and ANT/Bluetooth low energy combo SoftDevices.
For more information on this please contact : ANTstacks@thisisant.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com