Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA22012 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA22012
Description  Low Noise Amplifier for Micro Wave Application
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA22012 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA22012 Datasheet HTML 1Page - Hitachi Semiconductor HA22012 Datasheet HTML 2Page - Hitachi Semiconductor HA22012 Datasheet HTML 3Page - Hitachi Semiconductor HA22012 Datasheet HTML 4Page - Hitachi Semiconductor HA22012 Datasheet HTML 5Page - Hitachi Semiconductor HA22012 Datasheet HTML 6Page - Hitachi Semiconductor HA22012 Datasheet HTML 7Page - Hitachi Semiconductor HA22012 Datasheet HTML 8Page - Hitachi Semiconductor HA22012 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HA22012
4
Pin Arrangement
1
3
4
5
2
Top View
G B F
Mark type
Monthly code (variable)
Pin No.
Pin name
Function
1
RF out
RF output
2
GND
Ground
3
Cs
Bypath capacitor (>100 pF)
4
RF in
RF input
5
Vdd
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com