Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA22012 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HA22012
Description  Low Noise Amplifier for Micro Wave Application
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA22012 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HA22012 Datasheet HTML 1Page - Hitachi Semiconductor HA22012 Datasheet HTML 2Page - Hitachi Semiconductor HA22012 Datasheet HTML 3Page - Hitachi Semiconductor HA22012 Datasheet HTML 4Page - Hitachi Semiconductor HA22012 Datasheet HTML 5Page - Hitachi Semiconductor HA22012 Datasheet HTML 6Page - Hitachi Semiconductor HA22012 Datasheet HTML 7Page - Hitachi Semiconductor HA22012 Datasheet HTML 8Page - Hitachi Semiconductor HA22012 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HA22012
GaAs MMIC
Low Noise Amplifier for Micro Wave Application
ADE-207-217 (Z)
1st. Edition
July 1996
Features
• Suitable for low noise amplifier of PHS (1.9 GHz)
• Low voltage and low current operation (3V, 3mA typ.)
• Low noise (1.9 dB typ.)
• High power gain (13.5 dB typ.)
• Built–in input and output matching circuits (50Ω)
• Small surface mount package (MPAK–5)
Outline
MPAK—5


Similar Part No. - HA22012

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HA220-15100RLF TTELEC-HA220-15100RLF Datasheet
425Kb / 4P
Wireless Coil Rx
HA220-20100TLF TTELEC-HA220-20100TLF Datasheet
434Kb / 4P
Wireless Coil Tx
10/2022
logo
Hitachi Semiconductor
HA22022 HITACHI-HA22022 Datasheet
45Kb / 12P
GaAs MMIC Low Noise Amplifier for Micro Wave Application
HA22032T HITACHI-HA22032T Datasheet
43Kb / 11P
GaAs MMIC Down Converter for Micro Wave Application
HA22033 HITACHI-HA22033 Datasheet
45Kb / 12P
GaAs MMIC Low Noise Amplifier for Micro Wave Application
More results

Similar Description - HA22012

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA22033 HITACHI-HA22033 Datasheet
45Kb / 12P
GaAs MMIC Low Noise Amplifier for Micro Wave Application
HA22039 HITACHI-HA22039 Datasheet
47Kb / 12P
GaAs IC Low Distortion Mixer for Micro Wave Application
HA22022 HITACHI-HA22022 Datasheet
45Kb / 12P
GaAs MMIC Low Noise Amplifier for Micro Wave Application
logo
Toshiba Semiconductor
MT4S100U TOSHIBA-MT4S100U Datasheet
146Kb / 4P
UHF LOW NOISE AMPLIFIER APPLICATION
MT3S41T TOSHIBA-MT3S41T_07 Datasheet
126Kb / 4P
UHF LOW NOISE AMPLIFIER APPLICATION
MT4S101T TOSHIBA-MT4S101T_07 Datasheet
125Kb / 5P
UHF Low Noise Amplifier Application
TA4020FT TOSHIBA-TA4020FT Datasheet
140Kb / 4P
UHF LOW NOISE AMPLIFIER APPLICATION
logo
Tiger Electronic Co.,Lt...
KTA1268 TGS-KTA1268 Datasheet
90Kb / 1P
Low Noise Amplifier Application
logo
First Silicon Co., Ltd
FTA1268 FS-FTA1268 Datasheet
387Kb / 2P
LOW NOISE AMPLIFIER APPLICATION. HIGH VOLTAGE APPLICATION.
FTC3200 FS-FTC3200 Datasheet
296Kb / 2P
LOW NOISE AUDIO AMPLIFIER APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com