Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPUDCAPBL-X Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CPUDCAPBL-X
Description  TX6A??Category 6A UTP Field Term RJ45 Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CPUDCAPBL-X Datasheet(HTML) 1 Page - PANDUIT CORP.

  CPUDCAPBL-X Datasheet HTML 1Page - PANDUIT CORP. CPUDCAPBL-X Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
The TX6A™ Category 6A UTP Field Term RJ45 Plug is a simple-to-attach plug
for field termination of 4-pair unshielded twisted pair cable. Providing Category
6A performance the TX6A™ plug is also compatible with Category 6 and 5e
systems. The two-piece straight and up/down angled TX6A™ plug terminates
4-pair, 22 - 26 AWG, 100 ohm unshielded twisted pair cable and uses proven
TG-style forward motion termination technology to optimize performance by
maintaining cable pair geometry while eliminating conductor untwist.
TX6A™ Category 6A UTP Field Term RJ45 Plug
SPECIFIC A TION SHEET
applications
The simple-to-attach TX6A™ Field-Term Plug is ideal for connecting the increasing number of
network-powered devices requiring a plug connection to the network and where field attachment of
the plug to UTP cable is desired. Typical applications include:
• Wireless access points (WAPs)
• Power over Ethernet (PoE) LED lighting
• IP security cameras and motion sensors
• Building access control points
• Network-attached Audio/Video equipment
• Other PoE or HDBASE-T powered network
devices
technical information
Category 6A/Class EA
performance:
Exceeds ANSI/TIA-568.2-D Category 6A and ISO 11801 Class EA
Channel performance requirements with up to two field term plugs in
channel. Meets or exceeds proposed TIA Modular Plug Terminated
Link requirements with up to two field term plugs in link
Cable compatibility:
Compatible with 4-pair, 22–26 AWG solid or stranded unshielded
twisted pair cable with conductor insulation diameters of 0.060 in.
maximum and overall cable O.D. 0.200 in. to 0.330 in
FCC and ANSI
compliance:
Meets ANSI/TIA-1096-A (formerly FCC Part 68)
IEC compliance:
IEC 60603-7, IEC 60529 (IP 20)
RoHS compliance:
Compliant
PoE & PoH compliance:
Supports IEEE 802.3af / 802.3at (PoE/PoE+) and 802.3bt type 3 and
type 4 (PoE++) applications. Supports Power over HDBaseT up to
100 watts.
Plug mating cycles:
Rated to 2500 mating cycles
UL rated:
UL 1863 (Use as communications circuit accessory)
UL 2043 (Suitable for use in air-handling spaces)
Operating temperature:
-40°C to +75°C (-40°F to +167°F)
Storage temperature:
-40°C to +75°C (-40°F to +167°F)
Required installation
tools:
EGPT = Angled & Straight field term plug
EGJT-1 = Straight only field term plug
key features and benefits
Simple two-piece
assembly
Field friendly, easier to handle during field installation, saving time and
reducing termination error
45° up/down angled
version
Angled version allows improved cable routing in tight spaces
Slim plug profile
Easily fits in tight port spaces or high-density port configurations
22-26 AWG termination
capable
Works with all commonly used solid and stranded UTP cabling
TG-style termination
technology
Proven electrical performance and quick installation speed from the
same forward-motion termination technology used in Panduit’s Mini-
Com TG modular jacks
Category 6A, 6, and 5e
compatibility
High performance capability and wide cable size range enable a
single plug for all common UTP cabling systems
Re-termination
Ability to re-terminate up to 20 times with no additional parts,
providing convenience and cost-savings in cases when plug must be
re-terminated to cable
Compact termination
tools
EGPT is a fold-able, lightweight tool which terminates the straight and
angled field term plugs. EGJT-1 is a fold-able, lightweight tool which
terminates the straight field term plug
TX6A™ UTP Field Term Plug
Field Term Plug
(straight):
FP6X88MTG
Field Term Plug
10 pk (straight):
FP6X88MTG-X
Field Term Plug
(up/down angled):
FPUD6X88MTG
Field Term Plug 10 pk
(up/down angled):
FPUD6X88MTG-X
Tools and Accessories
Termination Tool:
Works with the straight and angled
Field Term Plug:
EGPT
Works with the straight
Field Term Plug:
EGJT-1
Wire Stripping
Tool:
CJAST
Wire Snipping
Tool:
Optional Test
Cord:
Angled field term
plug wire caps,
10 pk:
Straight field
term plug wire
caps, 10 pk:
CWST
FP6X88TC
CPUDCAPBL-X
CPCAPBL-X


Similar Part No. - CPUDCAPBL-X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPUD ETC2-CPUD Datasheet
310Kb / 3P
Leaded Power Chokes
CPUD0806MN-1R0M-N ETC2-CPUD0806MN-1R0M-N Datasheet
310Kb / 3P
Leaded Power Chokes
CPUD0806MN-1R5M-N ETC2-CPUD0806MN-1R5M-N Datasheet
310Kb / 3P
Leaded Power Chokes
CPUD0806MN-2R2M-N ETC2-CPUD0806MN-2R2M-N Datasheet
310Kb / 3P
Leaded Power Chokes
CPUD0806MN-3R3M-N ETC2-CPUD0806MN-3R3M-N Datasheet
310Kb / 3P
Leaded Power Chokes
More results

Similar Description - CPUDCAPBL-X

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
logo
PANDUIT CORP.
SPS6X88-C PANDUIT-SPS6X88-C Datasheet
120Kb / 2P
TX6A Category 6A Shielded Modular Plug
logo
Belden Inc.
10GXS32 BELDEN-10GXS32 Datasheet
256Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMR
10GXS33 BELDEN-10GXS33 Datasheet
257Kb / 4P
Category 6A Enhanced (625MHz), 4 Bonded-Pairs, U/UTP, CMP
10GX12 BELDEN-10GX12 Datasheet
183Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
10GX13 BELDEN-10GX13 Datasheet
177Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
10GXW12 BELDEN-10GXW12 Datasheet
148Kb / 2P
10GXW (0.260”) Category 6A Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
10GXW52 BELDEN-10GXW52 Datasheet
139Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
10GXW53 BELDEN-10GXW53 Datasheet
143Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
OSP6AF BELDEN-OSP6AF Datasheet
163Kb / 3P
Category 6A OSP Cable, 4 Pair, F/UTP, Gel Filled
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com